Electronic Components Datasheet Search
  English  ▼

X  

BQ2000TPW Datasheet(PDF) 14 Page - Texas Instruments

Part # BQ2000TPW
Description  Programmable Multi-Chemistry Fast-Charge Management IC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ2000TPW Datasheet(HTML) 14 Page - Texas Instruments

Back Button BQ2000TPW Datasheet HTML 10Page - Texas Instruments BQ2000TPW Datasheet HTML 11Page - Texas Instruments BQ2000TPW Datasheet HTML 12Page - Texas Instruments BQ2000TPW Datasheet HTML 13Page - Texas Instruments BQ2000TPW Datasheet HTML 14Page - Texas Instruments BQ2000TPW Datasheet HTML 15Page - Texas Instruments BQ2000TPW Datasheet HTML 16Page - Texas Instruments BQ2000TPW Datasheet HTML 17Page - Texas Instruments BQ2000TPW Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
bq2000T
SLUS149D – MAY 1999 – REVISED JANUARY 2010
www.ti.com
TEMPERATURE MONITORING
The bq2000T measures the temperature by the voltage at the TS pin. This voltage is typically generated by a
negative-temperature-coefficient thermistor. The bq2000T compares this voltage against its internal threshold
voltages to determine if charging is safe. These thresholds are the following:
•
High-temperature cutoff voltage: VTCO = 0.225 × VCC . This voltage corresponds to the maximum temperature
(TCO) at which any charging is allowed. The bq2000T terminates charging if the voltage on the TS pin falls
below VTCO.
•
High-temperature fault voltage: VHTF = 0.25 × VCC . This voltage corresponds to a maximum allowed pack
temperature (HTF) in all states except for fast charge. During fast charge, HTF faults are disabled to allow for
a normal increase in pack temperature.
•
Low-temperature fault voltage: VLTF = 0.5 × VCC . This voltage corresponds to the minimum temperature
(LTF) at which fast charging or top-off is allowed. If the voltage on the TS pin rises above VLTF, the bq2000T
suspends either fast charge or top-off and begins a trickle charge. When the voltage falls back below VLTF,
fast charge or top-off resumes from the point where suspended. If VTS > VLTF, the charger is always in trickle
charge.
Table 3 summarizes these various conditions.
Table 3. Temperature-Monitoring Conditions and Actions
TEMPERATURE
CONDITION
ACTION
During charge qualification, no effect
During fast charge, suspends fast charge and moves into charge
qualification, pauses timer, and flashes LED
VTS > VLTF
Cold battery – checked at all times
During top-off, suspends top-off and moves into trickle maintenance
charge and pauses timer
During trickle maintenance charge, no effect
VHTF < VTS < VLTF
Optimal charging range
Allows all stages of charging
During charge qualification, stops charging
During fast charge, no effect
Hot battery – checked at all times,
VTS < VHTF
except during fast charge
During top-off, stops charging
During trickle maintenance charge, stops charging
During charge qualification, stops charging
During fast charge, terminates fast charge and stops charging, turns off
Battery exceeding maximum
LED
VTS < VTCO
allowable temperature – checked at
all times
During top-off, terminates top-off and stops charging
During trickle maintenance charge, stops charging
Table 4. Summary of NiCd or NiMH Charging Characteristics
PARAMETER
VALUE(1)
Maximum cell voltage (VMCV)
2 V
Minimum pre-charge qualification voltage (VLBAT)
950 mV
High-temperature cutoff voltage (VTCO)
0.225 × VCC
High-temperature fault voltage (VHTF)
0.25 × VCC
Low-temperature fault voltage (VLTF)
0.5 × VCC
bq2000T fast-charge maximum time out (MTO)
RMTO × CMTO × 35,988
Fast-charge charging current (IMAX)
0.05/RSNS
Hold-off period
MTO/32
Top-off charging current (optional)
IMAX/16
Top-off period (optional)
MTO
Trickle-charge frequency
1 Hz
Trickle-charge pulse-width
See Figure 7
(1)
See the DC Thresholds Specification for details.
14
Submit Documentation Feedback
Copyright © 1999–2010, Texas Instruments Incorporated
Product Folder Link(s): bq2000T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com