Electronic Components Datasheet Search
  English  ▼

X  

BQ2000TPW Datasheet(PDF) 9 Page - Texas Instruments

Part # BQ2000TPW
Description  Programmable Multi-Chemistry Fast-Charge Management IC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ2000TPW Datasheet(HTML) 9 Page - Texas Instruments

Back Button BQ2000TPW Datasheet HTML 5Page - Texas Instruments BQ2000TPW Datasheet HTML 6Page - Texas Instruments BQ2000TPW Datasheet HTML 7Page - Texas Instruments BQ2000TPW Datasheet HTML 8Page - Texas Instruments BQ2000TPW Datasheet HTML 9Page - Texas Instruments BQ2000TPW Datasheet HTML 10Page - Texas Instruments BQ2000TPW Datasheet HTML 11Page - Texas Instruments BQ2000TPW Datasheet HTML 12Page - Texas Instruments BQ2000TPW Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
bq2000T
2
7
Battery
Pack
5
TS
N
T
C
VSS
VCC
VCC
RT1
RT2
bq2000T
www.ti.com
SLUS149D – MAY 1999 – REVISED JANUARY 2010
Maximum Temperature (NiCd, NiMH, Li-Ion)
A negative-coefficient thermistor, referenced to VSS and placed in thermal contact with the battery, may be used
as a temperature-sensing device. Figure 6 shows a typical temperature-sensing circuit.
Figure 6. Temperature Monitoring Configuration
During fast charge, the bq2000T compares the battery temperature to an internal high-temperature cutoff
threshold, VTCO, and a low-temperature threshold, VLTF. During fast charge only, the VHTF fault comparator is
disabled. When the voltage at the TS pin is lower than VTCO, the bq2000T terminates fast charge, moves to the
charge suspended state, and turns off the LED. When VTS rises above VHTF, the bq2000T resumes charging in
the trickle maintenance charge state, per Figure 2. In fast charge (either constant current or constant voltage fast
charge), when the voltage on the TS pin is higher than VLTF, the charger enters the battery conditioning state, as
described in the previous section. Fast charge is resumed when VTS is less than VLTF.
Rate of Temperature Rise (NiCd, NiMH)
The bq2000T uses a rate of temperature rise (
ΔT/Δt) scheme to terminate fast charge for NiCd and NiMH
batteries. During fast charge, it samples the TS pin voltage every 8 seconds and compares it to the value
measured 2 samples earlier. This feature terminates fast charge if this voltage declines at a rate of VCC/161
(V/min). Figure 6 shows a typical connection diagram. In preparation for sampling the TS pin voltage, the
bq2000T briefly turns off most circuits (the MOD and RC pins both go low) in order to get the cleanest possible,
noise-free measurement. While the monitoring of the TS pin voltage is continuous, the sampling of the TS pin
voltage with the internal ADC only occurs during the constant current regulation phase of fast charge. If the cell
voltage reaches VMCV, the pack is assumed to be Li-Ion and the TS pin voltage sampling is disabled, as ΔT/Δt is
not a termination criterion for Lithium cells.
Minimum Current (Li-Ion Only)
The bq2000T monitors the charging current during the voltage-regulation phase of Li-Ion batteries. Fast charge is
terminated when the current is tapered off to 7% of the maximum charging current. Note that this threshold is
different for the bq2000.
Once constant-current fast charge has ended, the bq2000T either measures the value of the CMTO capacitor (in
the case of Nickel batteries) and then proceeds to either top-off or trickle maintenance charge or simply
completes the constant-voltage stage of fast charge (in the case of a Li-Ion cell).
Top-Off and Pulse-Trickle Maintenance Charge
An optional top-off charge is available for NiCd or NiMH batteries. Top-off may be desirable on batteries that
have a tendency to terminate charge before reaching full capacity. To enable this option, the capacitance value
of CMTO connected between the RC pin and VCC (Figure 5) should be greater than 0.13 µF , and the value of the
resistor connected to this pin should be less than 250 k
Ω . To disable top-off, the capacitance value should be
less than 0.07 µF. The tolerance of the capacitor needs to be taken into account in component selection.
Copyright © 1999–2010, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): bq2000T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com