Electronic Components Datasheet Search
  English  ▼

X  

UCC28060DR.B Datasheet(PDF) 22 Page - Texas Instruments

Part # UCC28060DR.B
Description  Natural Interleaving™ DUAL-PHASE TRANSITION-MODE PFC CONTROLLER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCC28060DR.B Datasheet(HTML) 22 Page - Texas Instruments

Back Button UCC28060DR.B Datasheet HTML 18Page - Texas Instruments UCC28060DR.B Datasheet HTML 19Page - Texas Instruments UCC28060DR.B Datasheet HTML 20Page - Texas Instruments UCC28060DR.B Datasheet HTML 21Page - Texas Instruments UCC28060DR.B Datasheet HTML 22Page - Texas Instruments UCC28060DR.B Datasheet HTML 23Page - Texas Instruments UCC28060DR.B Datasheet HTML 24Page - Texas Instruments UCC28060DR.B Datasheet HTML 25Page - Texas Instruments UCC28060DR.B Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
Open-Loop Protection
Soft-Start
Light-Load Operation
Command for the Downstream Converter
VCC Undervoltage Protection
VCC
UCC28060
SLUS767E – MAY 2007 – REVISED NOVEMBER 2008 .................................................................................................................................................... www.ti.com
If the feedback loop is disconnected from the device, a current source internal to the UCC28060 pulls the
VSENSE pin voltage towards ground. When VSENSE falls below 1.20 V, the device is disabled. When disabled,
supply current decreases, and both gate drive outputs and COMP are actively pulled low. The device is
re-enabled when VSENSE rises above 1.25 V. At that time, the gate drive outputs begin switching under PWM
control.
The device can be externally disabled by grounding the VSENSE pin with an open-drain or open-collector driver.
When disabled, device supply current drops and COMP is actively pulled low. When VSENSE is released, the
device soft-starts. This disable method forces the device into standby mode and minimizes its power
consumption. This feature is particularly useful when standby power is a key design aspect.
If the feedback loop is disconnected from ground, the VSENSE voltage goes high. When VSENSE rises above
the over-voltage protection threshold, both gate drive outputs go low, and COMP is actively pulled low. The
device is re-enabled when VSENSE falls back into range. At that time, the gate drive outputs begin switching
under PWM control. The VSENSE pin is internally clamped to protect the device from damage under this
condition.
The PWM gradually ramps from zero on-time to normal on-time as the compensation capacitor from COMP to
AGND charges from a low level to the final value. This process implements a soft-start, with a time constant set
by the output current of the error amplifier and the value of the compensation capacitors. In the event of a
brownout, logic disable, or VCC undervoltage fault, COMP is actively pulled low so the PWM soft-starts after this
event is cleared. Even if a fault event happens very briefly, soft-start fully discharges the compensation
components before resuming operation, ensuring soft-starting. See Figure 29 for details.
As load current decreases, the error amplifier commands less input current by lowering the COMP voltage. If
PHB (normally connected to COMP) falls below 0.8 V at low input line (or 1.1 V at high input line), channel B
stops switching and channel A on-time doubles to compensate. If COMP falls below 150 mV, channel A also
stops switching and the loop enters a hysteretic control mode. The PWM skips cycles to maintain regulation.
In the UCC28060, the PWMCNTL pin is used to coordinate the PFC stage with a downstream converter.
Through the HVSEN pin, the output voltage is sensed. When the output voltage is within the desired range, the
PWMCNTL pin is pulled to ground internally and can be used to enable a downstream converter. The enable
threshold and hysteresis can be adjusted independently through the voltage divider ratio and resistor values. The
HVSEN pin is also used for the FailSafe over-voltage protection. When designing the voltage divider, make sure
this FailSafe over-voltage protection level is set above normal operating levels.
VCC must rise above the undervoltage threshold for the PWM to begin functioning. If VCC drops below the
threshold during operation, both gate drive outputs and COMP are actively pulled low. VCC must rise above the
threshold for PWM function to restart.
VCC is connected to a bias supply of between 13 V and 21 V. When powered from a poorly-regulated supply, an
external zener diode is recommended to prevent excessive current into VCC.
22
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): UCC28060



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com