Electronic Components Datasheet Search
  English  ▼

X  

UCC28060DR.B Datasheet(PDF) 29 Page - Texas Instruments

Part # UCC28060DR.B
Description  Natural Interleaving™ DUAL-PHASE TRANSITION-MODE PFC CONTROLLER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCC28060DR.B Datasheet(HTML) 29 Page - Texas Instruments

Back Button UCC28060DR.B Datasheet HTML 25Page - Texas Instruments UCC28060DR.B Datasheet HTML 26Page - Texas Instruments UCC28060DR.B Datasheet HTML 27Page - Texas Instruments UCC28060DR.B Datasheet HTML 28Page - Texas Instruments UCC28060DR.B Datasheet HTML 29Page - Texas Instruments UCC28060DR.B Datasheet HTML 30Page - Texas Instruments UCC28060DR.B Datasheet HTML 31Page - Texas Instruments UCC28060DR.B Datasheet HTML 32Page - Texas Instruments UCC28060DR.B Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
Converter Timing
f
=
MIN
=39.2kHz
P
L1
OUT
MAX
´
=
h
(V
)
´
IN_MIN
2
V
Ö
IN_MIN
´ 2
V
OUT
1 -
300W
390
H
m
´
0.92
(85V)
´
2
85V
Ö
´ 2
390V
1 -
(36)
R
=
TSET
»
W
121k
4.85V
4
s
f
m
´
´
MIN
=
133kW
V
Ö
IN_MIN
´ 2
V
OUT
1 -
4.85V
4
s
39.2kHz
m
´
´
133kW
85V
Ö
´ 2
390V
1 -
(37)
f
=
MAX
» 550kHz
2
s
R
m ´
T
=
133kW
2
s
121k
m
W
´
133kW
(38)
Programming VOUT
R =3MW
C
(39)
V
=6V
REF
(40)
R =
D
»
W
47k
(V
V
)
-
OUT
REF
=
V
R
REF
C
´
(390V
6V)
-
6V
3M
´
W
(41)
V
=6.45V
OVP
=418V
R
D
=6.45V
R +R
C
D
47kW
3M
+47k
W
W
(42)
Loop Compensation
g
=96
S
m
m
(43)
H=
» 0.015
=
V
REF
V
OUT
6V
390V
(44)
R =
Z
=6.313k
6.34k
»
W
W
=
100mV
V
H
g
RIPPLE
m
´
´
100mV
11V
0.015
96
S
m
´
´
(45)
UCC28060
www.ti.com .................................................................................................................................................... SLUS767E – MAY 2007 – REVISED NOVEMBER 2008
Select the timing resistor, RTSET, for the correct on-time (TON) based on KTL, as shown in Equation 36. To ensure
proper operation, the timing must be set based on the highest boost inductance (L1MAX). In this design example,
the boost inductor could be as high as 390
µH, based on line and load conditions, as shown in Equation 37.
This result sets the maximum frequency clamp (fMAX), as shown in Equation 38, which improves efficiency at light
load.
Resistor RC is selected to minimize error because of VSENSE input bias current and minimize loading on the
power line when the PFC is disabled. Construct resistor RC from two or more resistors in series to meet
high-voltage requirements. RC was also selected to be of a similar value of RA and RE to simplify the bill of
materials and reduce design costs.
Based on the resistor values shown in Equation 39 to Equation 41, the primary output over-voltage protection
threshold should be as shown in Equation 42:
Resistor RZ is sized to attenuate low-frequency ripple to less than 2% of the voltage amplifier output range. This
value ensures good power factor and low input current harmonic distortion.
The transconductance amplifier gain is shown in Equation 43:
The voltage divider feedback gain is shown in Equation 44 and Equation 45:
CZ is then set to add 45° of phase margin at 1/5th of the switching frequency, as shown in Equation 46:
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Link(s): UCC28060



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com