Electronic Components Datasheet Search
  English  ▼

X  

UCC28060DR.B Datasheet(PDF) 7 Page - Texas Instruments

Part # UCC28060DR.B
Description  Natural Interleaving™ DUAL-PHASE TRANSITION-MODE PFC CONTROLLER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCC28060DR.B Datasheet(HTML) 7 Page - Texas Instruments

Back Button UCC28060DR.B Datasheet HTML 3Page - Texas Instruments UCC28060DR.B Datasheet HTML 4Page - Texas Instruments UCC28060DR.B Datasheet HTML 5Page - Texas Instruments UCC28060DR.B Datasheet HTML 6Page - Texas Instruments UCC28060DR.B Datasheet HTML 7Page - Texas Instruments UCC28060DR.B Datasheet HTML 8Page - Texas Instruments UCC28060DR.B Datasheet HTML 9Page - Texas Instruments UCC28060DR.B Datasheet HTML 10Page - Texas Instruments UCC28060DR.B Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
DEVICE INFORMATION
ZCDA
VREF
GDA
PGND
VCC
GDB
CS
PWMCNTL
ZCDB
VSENSE
TSET
PHB
COMP
AGND
VINAC
HVSEN
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
UCC28060
www.ti.com .................................................................................................................................................... SLUS767E – MAY 2007 – REVISED NOVEMBER 2008
UCC28060D
SOIC 16-Pin (D)
Top View
TERMINAL FUNCTIONS
TERMINAL
DESCRIPTION
NAME
NO.
I/O
Analog ground: Connect analog signal bypass capacitors, compensation components, and analog
AGND
6
—
signal returns to this pin. Connect the analog and power grounds at a single point to isolate high-current
noise signals of the power components from interference with the low-current analog circuits.
Error amplifier output: The error amplifier is a transconductance amplifier, so this output is a
high-impedance current source. Connect voltage regulation loop compensation components from this
pin to AGND. The on-time seen at the gate drive outputs is proportional to the voltage at this pin minus
an offset of approximately 125 mV. During soft-start events (undervoltage, brownout, or disable), COMP
COMP
5
O
is pulled low. Normal operation only resumes after the soft-start event clears and COMP has been
discharged below 0.5 V, making sure that the circuit restarts with a low COMP voltage and a short
on-time. Do not connect COMP to a low-impedance source that would interfere with COMP falling below
0.5 V.
Current sense input: Connect the current sense resistor and the negative terminal of the diode bridge
to this pin. Connect the return of the current sense resistor to the AGND pin with a separate trace. As
input current increases, the voltage on CS goes more negative. This cycle-by-cycle over-current
protection limits input current by turning off both gate driver (GDx) outputs when CS is more negative
than the CS rising threshold (approximately –200 mV). The GD outputs remain low until CS falls to the
CS falling threshold (approximately –15 mV). Current sense is blanked for approximately 100 ns
CS
10
I
following the falling edge of either GD output. This blanking filters noise that occurs when current
switches from a power FET to a boost diode. In most cases, no additional current sense filtering is
required. If filtering is required, the filter series resistance must be under 100
Ω to maintain accuracy. To
prevent excessive negative voltage on the CS pin during inrush conditions, connect the current sensing
resistor to the CS pin through a low value external resistor. As with the filter series resistance, this
external resistor needs to be under 100
Ω to maintain accuracy.
GDA
14
O
Channel A and channel B gate drive output: Connect these pins to the gate of the power FET for
each phase through the shortest connection practical. If it is necessary to use a trace longer than 0.5 in
(12.6 mm) for this connection, some ringing may occur due to trace series inductance. This ringing can
GDB
11
O
be reduced by adding a 5-
Ω to 10-Ω resistor in series with GDA and GDB.
High voltage output sense: The UCC28060 incorporates FailSafe OVP so that any single failure does
not allow the output to boost above safe levels. Output over-voltage is monitored by both VSENSE and
HVSEN and shuts down the PWM if either pin exceeds the appropriate over-voltage threshold. Using
two pins to monitor for over-voltage provides redundant protection and fault tolerance. HVSEN can also
be used to enable a downstream power converter when the voltage on HVSEN is within the operating
HVSEN
8
I
region. Select the HVSEN divider ratio for the desired over-voltage and power-good thresholds. Select
the HVSEN divider impedance for the desired power-good hysteresis. During operation, HVSEN must
never fall below 0.8 V. Dropping HVSEN below 0.8 V puts the UCC28060 into a special test mode, used
only for factory testing. A bypass capacitor from HVSEN to AGND is recommended to filter noise and
prevent false over-voltage shutdown.
Power ground for the integrated circuit: Connect this pin to AGND through a separate short trace to
PGND
13
—
isolate gate driver noise from analog signals.
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): UCC28060



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com