Electronic Components Datasheet Search
  English  ▼

X  

UCC2912DP Datasheet(PDF) 2 Page - Texas Instruments

Part # UCC2912DP
Description  PROGRAMMABLE HOT SWAP POWER MANAGER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCC2912DP Datasheet(HTML) 2 Page - Texas Instruments

  UCC2912DP Datasheet HTML 1Page - Texas Instruments UCC2912DP Datasheet HTML 2Page - Texas Instruments UCC2912DP Datasheet HTML 3Page - Texas Instruments UCC2912DP Datasheet HTML 4Page - Texas Instruments UCC2912DP Datasheet HTML 5Page - Texas Instruments UCC2912DP Datasheet HTML 6Page - Texas Instruments UCC2912DP Datasheet HTML 7Page - Texas Instruments UCC2912DP Datasheet HTML 8Page - Texas Instruments UCC2912DP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
UCC2912
UCC3912
PROGRAMMABLE HOT SWAP POWER MANAGER
SLUS241D − MARCH 1994 - REVISED NOVEMBER 2003
2
www.ti.com
description (continued)
The UCC3912 family is designed for unidirectional current flow, emulating an ideal diode in series with the power
switch. This feature is particularly attractive in applications where many devices are powering a common bus,
such as with SCSI Termpwr.
The UCC3912 family can be put into sleep mode drawing only 1-
µA of supply current. The SHTDWN pin has
a preset threshold hysteresis which allows the user the ability to set a time delay upon startup to achieve
sequencing of power. Other features include an open drain FAULT output indicator, thermal shutdown, under
voltage lockout, and a low thermal resistance small outline package.
absolute maximum ratings over operating free-air temperature (unless otherwise noted)†}
VIN
8 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
FAULT sink current
50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
FAULT voltage
-0.3 to VIN
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output current
Self Limiting
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage
(B0, B1, B2, B3, IMAX, SHTDWN)
-0.3 to VIN
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
-65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating junction temperature range, TJ
-55
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature (soldering, 10 sec.)
300
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
‡ Currents are positive into, negative out of the specified terminal. Consult Packaging Section of the Interface Products Data book (TI Literature
Number SLUD002) for thermal limitations and considerations of packages.
package information
DIL-16, SOIC-16
N, DP Package
(TOP VIEW)
TSSOP-24,
PWP Package
(TOP VIEW)
*Pin 5 serves as lowest impedance to the electrical
ground; Pins 4, 12, and 13 serve as heat sink/ground.
These pins should be connected to large etch areas to
help dissipate heat. For N package, pins 4, 12, and 13
are N/C.
*Pin 9 serves as lowest impedance to the electrical ground;
other GND pins serve as heat sink/ground. These pins should
be connected to large etch areas to help dissipate heat.
B3
VOUT
GND*
GND*
FAULT
N/C
EGND*
GND*
GND*
VIN
VIN
GND*
SHTDWN
GND*
B2
GND*
GND*
CT
12
11
10
9
8
7
6
5
4
3
2
1
13
14
15
16
17
18
19
20
21
22
23
24
IMAX
N/C
VOUT
B1
B0
GND*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com