Electronic Components Datasheet Search
  English  ▼

X  

UCC2912DP Datasheet(PDF) 7 Page - Texas Instruments

Part # UCC2912DP
Description  PROGRAMMABLE HOT SWAP POWER MANAGER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCC2912DP Datasheet(HTML) 7 Page - Texas Instruments

Back Button UCC2912DP Datasheet HTML 3Page - Texas Instruments UCC2912DP Datasheet HTML 4Page - Texas Instruments UCC2912DP Datasheet HTML 5Page - Texas Instruments UCC2912DP Datasheet HTML 6Page - Texas Instruments UCC2912DP Datasheet HTML 7Page - Texas Instruments UCC2912DP Datasheet HTML 8Page - Texas Instruments UCC2912DP Datasheet HTML 9Page - Texas Instruments UCC2912DP Datasheet HTML 10Page - Texas Instruments UCC2912DP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
UCC2912
UCC3912
PROGRAMMABLE HOT SWAP POWER MANAGER
SLUS241D − MARCH 1994 - REVISED NOVEMBER 2003
7
www.ti.com
APPLICATION INFORMATION
For a resistive load of value RL, the value of COUT(max) can be estimated from:
C
OUT(max) [
28
103
CT
RL
n
1
1*
V
OUT
I
MAX
RL
The overcurrent comparator senses both the DAC output and a representation of the output current. When the
output current exceeds the programmed level the timing capacitor CT charges with 36 µA of current. If the fault
occurs for the time it takes for CT to charge up to 1.5 V, the fault latch is set and the output switch is opened.
The output remains opened until CT discharges to 0.5 V with a 1.2-µA current source. Once the 0.5 V is reached
the output is enabled and will either appear as a switch, if the fault is removed, or a current source if the fault
remains. If the over current condition is still present, then CT will begin charging, starting the cycle over, resulting
in approximately a 3% on time.
UDG-94019-1
Figure 3. UCC3912 On-Time Circuitry



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com