Electronic Components Datasheet Search
  English  ▼

X  

UCC2912DP Datasheet(PDF) 3 Page - Texas Instruments

Part # UCC2912DP
Description  PROGRAMMABLE HOT SWAP POWER MANAGER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCC2912DP Datasheet(HTML) 3 Page - Texas Instruments

  UCC2912DP Datasheet HTML 1Page - Texas Instruments UCC2912DP Datasheet HTML 2Page - Texas Instruments UCC2912DP Datasheet HTML 3Page - Texas Instruments UCC2912DP Datasheet HTML 4Page - Texas Instruments UCC2912DP Datasheet HTML 5Page - Texas Instruments UCC2912DP Datasheet HTML 6Page - Texas Instruments UCC2912DP Datasheet HTML 7Page - Texas Instruments UCC2912DP Datasheet HTML 8Page - Texas Instruments UCC2912DP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
UCC2912
UCC3912
PROGRAMMABLE HOT SWAP POWER MANAGER
SLUS241D − MARCH 1994 - REVISED NOVEMBER 2003
3
www.ti.com
electrical characteristics, these specifications apply for TA = −40°C to 85°C for the UCC2912;
TA = 0°C to 70°C for the UCC3912, VIN = 5 V, IMAX = 0.4 V, SHTDWN = 2.4 V
(unless otherwise stated)
supply section
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Voltage input range
3.0
8.0
V
Supply current
1.0
2.0
mA
Sleep mode current
SHTDWN = 0.2 V
0.5
5.0
µA
NOTE 1: All voltages are with respect to ground. Current is positive into and negative out of the specified terminal.
output section
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
IOUT = 1 A
0.15
0.22
V
IOUT = 2 A
0.3
0.45
V
Voltage drop
IOUT = 3 A
0.45
0.68
V
Voltage drop
IOUT = 1A,
VIN = 3 V
0.17
0.27
V
IOUT = 2 A,
VIN = 3 V
0.35
0.56
V
IOUT = 3 A,
VIN = 3 V
0.5
0.8
V
Reverse leakage current
VIN < VOUT ,
SHTDWN = 0.2 V, VOUT = 5 V
5
20
µA
Initial startup time
See Note 2
100
µs
Short circuit response
See Note 2
100
ns
Thermal shutdown
See Note 2
170
°C
Thermal hysteresis
See Note 2
10
°C
NOTE 1: All voltages are with respect to ground. Current is positive into and negative out of the specified terminal.
NOTE 2: Ensured by design. Not production tested.
DAC section
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Output leakage
Code = 0000−0011
0
20
µA
Code = 0100
0.1
0.25
0.45
A
Code = 0101
0.25
0.50
0.75
A
Code = 0110
0.5
0.75
1.0
A
Code = 0111
0.75
1.00
1.25
A
Code = 1000
1.0
1.25
1.5
A
Trip current
Code = 1001
1.25
1.50
1.75
A
Trip current
Code = 1010
1.5
1.75
2.0
A
Code = 1011
1.7
2.00
2.3
A
Code = 1100
1.9
2.25
2.58
A
Code = 1101
2.1
2.50
2.9
A
Code = 1110
2.3
2.75
3.2
A
Code = 1111
2.5
3.0
3.5
A
Maximum output current
Code = 0000 to 0011
0.02
mA
Maximum output current over trip
UCC2912
Code = 0100 to 1111,
IMAX = 0 V
0.5
1.0
2.0
A
Maximum output current over trip
(current source mode)
UCC3912
Code = 0100 to 1111,
IMAX = 0 V
0.5
1.0
1.8
A
Maximum output current (current source mode)
Code = 0100 to 1111,
IMAX = 2.4 V
3.0
4.0
5.2
A
NOTE 1: All voltages are with respect to ground. Current is positive into and negative out of the specified terminal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com