Electronic Components Datasheet Search
  English  ▼

X  

UCC3973 Datasheet(PDF) 5 Page - Texas Instruments

Part # UCC3973
Description  BiCMOS Cold Cathode Fluorescent Lamp Driver Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCC3973 Datasheet(HTML) 5 Page - Texas Instruments

  UCC3973 Datasheet HTML 1Page - Texas Instruments UCC3973 Datasheet HTML 2Page - Texas Instruments UCC3973 Datasheet HTML 3Page - Texas Instruments UCC3973 Datasheet HTML 4Page - Texas Instruments UCC3973 Datasheet HTML 5Page - Texas Instruments UCC3973 Datasheet HTML 6Page - Texas Instruments UCC3973 Datasheet HTML 7Page - Texas Instruments UCC3973 Datasheet HTML 8Page - Texas Instruments UCC3973 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
5
UCC1972/3
UCC2972/3
UCC3972/3
UDG-98154
*MODE
Output
Open Lamp
Detection
S2
Error Amplifier Output
S1
<1V
OFF
DISABLED
OPEN
DISCONNECTED FROM COMP
OPEN
1V< MODE< 3V
ON
DISABLED
OPEN
CONNECTED TO COMP
CLOSED
>3V
ON
ENABLED
CLOSED
CONNECTED TO COMP
CLOSED
8
5
3
4
2
1
7
6
VDD
20µA
+
–
+
–
1.5V
ERROR
AMPLIFIER
S1
R
Q
S
R
Q
S
+
–
+
–
1.0V
7.0V
SYNC
OUT
RAMP
0.2V
OSCILLATOR
*MODE
SELECT
UVLO
4.0V/3.8V
3V REF
VREF
UVLO=1
3BIT
UP-DOWN
COUNTER
S2
FROM MODE SELECT
OPEN LAMP DETECT
COMPARATOR
ZERO DETECT
COMPARATOR
UVLO
PWM
UVLO
OUTPUT OFF
(FROM MODE SELECT)
VDD
MODE
COMP
FB
GND
OUT
BUCK
VDD
VBAT
18V
+
–
TO S3
OVER-VOLTAGE
CLAMP COMPARATOR
S3
(ALWAYS OPEN ON UCC3972)
FROM
CLAMP
COMP
ICLAMP
9.0V
BLOCK DIAGRAM
Introduction
Cold Cathode Fluorescent Lamps (CCFL) are frequently
used as the backlight source for Liquid Crystal Displays
(LCDs). These displays are found in numerous applica-
tions such as notebook computers, portable instrumenta-
tion,
automotive
displays,
and
retail
terminals.
Fluorescent lamps provide superior light output effi-
ciency, making their use ideal for power sensitive porta-
ble applications where the backlight circuit can consume
a significant portion of the battery’s capacity. The
backlight converter must produce the high voltage
needed to strike and operate the lamp. Although CCFLs
can be operated with a DC voltage, a symmetrical AC
operating voltage is recommended to maintain the rated
life of the lamp. Sinusiodal voltage and current lamp
waveforms are also recommended to achieve optimal
electrical to light conversion and to reduce high voltage
electromagnetic interference (EMI). A topology that pro-
vides these requirements while maintaining efficient op-
eration is presented below.
APPLICATION INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com