Electronic Components Datasheet Search
  English  ▼

X  

UCC3973 Datasheet(PDF) 10 Page - Texas Instruments

Part # UCC3973
Description  BiCMOS Cold Cathode Fluorescent Lamp Driver Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCC3973 Datasheet(HTML) 10 Page - Texas Instruments

Back Button UCC3973 Datasheet HTML 6Page - Texas Instruments UCC3973 Datasheet HTML 7Page - Texas Instruments UCC3973 Datasheet HTML 8Page - Texas Instruments UCC3973 Datasheet HTML 9Page - Texas Instruments UCC3973 Datasheet HTML 10Page - Texas Instruments UCC3973 Datasheet HTML 11Page - Texas Instruments UCC3973 Datasheet HTML 12Page - Texas Instruments UCC3973 Datasheet HTML 13Page - Texas Instruments UCC3973 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
10
UCC1972/3
UCC2972/3
UCC3972/3
Dimming Techniques
Analog Dimming:
A control circuit that implements analog dimming with a
potentiometer (RADJ) is shown in Fig. 2. When the sec-
ondary has a positive polarity current, D1 is reversed bi-
ased and lamp current is sensed directly through RL and
RADJ. When the current reverses direction, D1 conducts
and the voltage on the sense node VX is clamped to the
forward drop of the diode. The resulting waveform at VX
is a half wave rectified sinusoid whose voltage is propor-
tional to lamp current.
()
I
V
RR
LAMP
D
LADJ
=
+
é
ëê
ù
ûú
+
15
2
2
.
p
(12)
This voltage is averaged by the feedback components
(RFB,CFB) and held to 1.5V by the error amplifier when
the control loop is active. The resulting voltage at the out-
put of the error amplifier (COMP) sets the duty cycle of
PWM stage. Average lamp current is controlled by ad-
justing RADJ to the appropriate value. Resistor RL sets
the high current level of the lamp.
Analog Dimming by PWM or D/A Control Signal:
Analog dimming control of the lamp can be achieved by
providing a digital pulse stream (or DC control voltage)
from the system microprocessor as shown in Fig. 3. For
this technique, the lamp current sense resistor (R1) is
fixed and the VX node voltage is averaged against the
digital pulse stream of the microprocessor. The averag-
ing circuit consists of R2, R3, and CFB. A higher average
value from the pulse stream will result in less average
lamp current. The frequency of the digital pulse stream
should be high enough to maintain a constant DC value
across the feedback capacitor. If a D/A converter is avail-
able in the system, a DC output can be used in place of
the pulse stream.
Low Frequency Dimming (LFD):
Analog dimming techniques described previously can
provide excellent dimming over a 10:1 range, depending
upon the physical layout and the amount of stray capaci-
tance in the backlight's secondary circuitry. Beyond this
level the lamp may begin to exhibit the "thermometer ef-
fect" causing uneven illumination across the tube.
Low frequency dimming (LFD) is accomplished by oper-
ating the lamp at rated current and gating the lamp on
and off at a low frequency. Since the lamp is operated at
full intensity when on, the system layout has little effect
on dimming performance. The average lamp intensity is
a function of the duty cycle and period of the gating sig-
nal. The duty cycle can be controlled to a low minimum
value, allowing a very wide dimming range. Low fre-
quency dimming can be implemented by summing a
PWM signal into the feedback node to turn the lamp off
as shown in Fig. 4. A 68k
W resistor is used for RFB and
RLFD,CFB is reduced to 6.8nF to speed up the lamp
re-strike. The repetition rate of the signal should be
greater than 120Hz to avoid visible flicker.
APPLICATION INFORMATION (cont.)
1.5V
R
FB
C
FB
CBALLAST
R
L
R
ADJ
0V
V
X
V
X
D1
+
–
COMP
FB
Figure 2. Analog dimmer with potentiometer.
C
BALLAST
R1
SECONDARY
D1
1.5V
FB
C
FB
0V
V
X
R3
Dim
Bright
R2
COMP
OR USE DC
CONTROL VOLTAGE
FROM D/A
DIGITAL
PULSE
STREAM
+
–
Figure 3. Analog dimming control from micro- processor.
C
BALLAST
R1
SECONDARY
D1
1.5V
FB
C
FB
0V
V
X
RLFD
RFB
COMP
DLFD
ON
OFF
ON
ON
OFF
LFD CONTROL
SIGNAL
Figure 4. Low frequency dimming by forcing lamp
current off through the FB pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com