Electronic Components Datasheet Search
  English  ▼

X  

UCC29421 Datasheet(PDF) 23 Page - Texas Instruments

Part # UCC29421
Description  MULTIMODE HIGH-FREQUENCY PWM CONTROLLER
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCC29421 Datasheet(HTML) 23 Page - Texas Instruments

Back Button UCC29421 Datasheet HTML 19Page - Texas Instruments UCC29421 Datasheet HTML 20Page - Texas Instruments UCC29421 Datasheet HTML 21Page - Texas Instruments UCC29421 Datasheet HTML 22Page - Texas Instruments UCC29421 Datasheet HTML 23Page - Texas Instruments UCC29421 Datasheet HTML 24Page - Texas Instruments UCC29421 Datasheet HTML 25Page - Texas Instruments UCC29421 Datasheet HTML 26Page - Texas Instruments UCC29421 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
UCC29421, UCC29422, UCC39421, UCC39422
MULTIMODE HIGHFREQUENCY PWM CONTROLLER
SLUS246C − OCTOBER 1999 − REVISED FEBRUARY 2005
23
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
changing the low power mode threshold (continued)
Although the LP mode threshold is internally fixed at 0.6 V (referenced to the pin), the point at which the LP
mode is entered can be easily modified by adding a single resistor, as shown in Figure 13. Resistor RBIAS forms
a divider with RSLOPE (used for slope compensation) and adds a dc offset to the current-sense input, raising
the output voltage of the sense amplifier and fooling the LP mode comparator into thinking the load is higher
than it is. The required bias resistor to transition out of LP mode for a given peak current can be calculated using
the following equation:
R
BIAS +
R
SLOPE
V
OUT
0.03
* I
PEAK
R
SENSE
(17)
UDG−98213
VOUT
COUT
+
300 mV
RSENSE
RSLOPE
RBIAS
DRIVE
CONTROL
LOGIC
+
LP MODE
+
X10
600 mV
PWM
COMP
FB
1.24 V
CHRG
ISENSE
17
18
6
12
UCC39421
VIN
Figure 13. Modifying Low Power (LP) Mode Threshold
Due to the current-sense amplifier gain of 10 and the internal offset of 300 mV, an offset of just 30 mV or more
at the ISENSE pin inhibits the LP mode altogether. Note that inhibiting LP mode does not prevent PFM from
working, as long as the PFM pin is set to a voltage higher than:
10
V
ISENSE )
0.3V
18)
programming the PWM frequency
Some applications may want to remain in a fixed frequency mode of operation, even at light load, rather than
going into PFM mode. This lowers efficiency at light load. One way to improve the efficiency while maintaining
fixed frequency operation is to lower the PWM frequency under light load conditions. This can be easily done,
as shown in Figure 14. By adding a second timing resistor and a small MOSFET switch, the host can switch
between two discrete frequencies at any time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com