Electronic Components Datasheet Search
  English  ▼

X  

UCC29421 Datasheet(PDF) 27 Page - Texas Instruments

Part # UCC29421
Description  MULTIMODE HIGH-FREQUENCY PWM CONTROLLER
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCC29421 Datasheet(HTML) 27 Page - Texas Instruments

Back Button UCC29421 Datasheet HTML 23Page - Texas Instruments UCC29421 Datasheet HTML 24Page - Texas Instruments UCC29421 Datasheet HTML 25Page - Texas Instruments UCC29421 Datasheet HTML 26Page - Texas Instruments UCC29421 Datasheet HTML 27Page - Texas Instruments UCC29421 Datasheet HTML 28Page - Texas Instruments UCC29421 Datasheet HTML 29Page - Texas Instruments UCC29421 Datasheet HTML 30Page - Texas Instruments UCC29421 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
UCC29421, UCC29422, UCC39421, UCC39422
MULTIMODE HIGHFREQUENCY PWM CONTROLLER
SLUS246C − OCTOBER 1999 − REVISED FEBRUARY 2005
27
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
The reset circuit monitors the voltage at the feedback (FB) pin and issues a reset if the feedback voltage drops
below 1.175 V. This represents a 6% drop in output voltage. Monitoring the voltage internally at the FB pin
eliminates the need for another external voltage divider. The RESET output is an open-drain output that is active
low during reset. It stays low until the feedback voltage is above 1.175 V for a period of time called the reset
pulse width, which is user programmable. An external capacitor on the RSADJ pin and an internal 1-
µA current
source determine the reset pulse width, according to the following equation:
t
RESET +
C
RESET
1.18
(19)
where tRESET is the reset pulse width in seconds, and CRESET is the capacitor value in microFarads (µF).
An adaptive glitch filter is included to prevent nuisance trips. This is implemented using a gm amplifier to charge
an 8-pF capacitor to 1.175 V before declaring a reset. This provides a delay which is inversely proportional to
the magnitude of the feedback voltage error. The delay time is approximated by the following equation:
t
DELAY ^
0.25
1.175
* V
FB
ms
(20)
where tDELAY is the filter delay time in microseconds. Note that the maximum current from the gm amplifier is
limited to 2
µA, limiting the minimum time delay to 4.8 µs.
A typical application schematic using the UCC39422 is shown in Figure 18. In this example, R1 and R2 have
been selected to trip the LOWBAT output when VIN drops below 2.0 V. Note that the RESET and LOWBAT
outputs are open drain and require a pullup.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com