Electronic Components Datasheet Search
  English  ▼

X  

UCC29421 Datasheet(PDF) 30 Page - Texas Instruments

Part # UCC29421
Description  MULTIMODE HIGH-FREQUENCY PWM CONTROLLER
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCC29421 Datasheet(HTML) 30 Page - Texas Instruments

Back Button UCC29421 Datasheet HTML 26Page - Texas Instruments UCC29421 Datasheet HTML 27Page - Texas Instruments UCC29421 Datasheet HTML 28Page - Texas Instruments UCC29421 Datasheet HTML 29Page - Texas Instruments UCC29421 Datasheet HTML 30Page - Texas Instruments UCC29421 Datasheet HTML 31Page - Texas Instruments UCC29421 Datasheet HTML 32Page - Texas Instruments UCC29421 Datasheet HTML 33Page - Texas Instruments UCC29421 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 37 page
background image
UCC29421, UCC29422, UCC39421, UCC39422
MULTIMODE HIGHFREQUENCY PWM CONTROLLER
SLUS246C − OCTOBER 1999 − REVISED FEBRUARY 2005
30
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
selecting the filter capacitor
The input and output filter capacitors must have low ESR and low ESL. Surface-mount tantalum, OSCONs or
multilayer ceramics (MLCs) are recommended. The capacitor selected must have the proper ripple current
rating for the application. Some recommended capacitor types are listed in Table 4.
Table 4. RECOMMENDED SMT FILTER CAPACITORS
Manufacturer
Part Number
Features
AVX
TPS series
Low ESR tantalum
Kemet
T410 series
Low ESR tantalum
Murata
GRM series
Low ESR ceramic
Sanyo
OSCON series
Low ESR organic
Sprague
591D series
Low ESR, low profile tantalum
Sprague
594D series
Low ESR tantalum
Tokin
Y5U, Y5V Type
Low ESR ceramic
Taiyo Yuden
X5R Type
Low ESR ceramic
circuit layout and grounding
As with any high frequency switching power supply, circuit layout, hookup, and grounding are critical for proper
operation. Although this may be a relatively low-power, low-voltage design, these issues are still very important.
The MOSFET turn-on and turn-off times necessary to maintain high efficiency at high switching frequencies of
1 MHz or more result in high dv/dt and di/dts. This makes stray circuit inductance especially critical. In addition,
the high impedances associated with low-power designs, such as in the feedback divider, make them especially
susceptible to noise pickup.
layout
The component layout should be as tight as possible to minimize stray inductance. This is especially true of the
high-current paths, such as in series with the MOSFETs and the input and output filter capacitors.
The components associated with the feedback, compensation and timing should be kept away from the power
components (MOSFETs, inductor). Keep all components as close to the IC pins as possible. Nodes that are
especially noise sensitive are the FB and RT pins. Other sensitive pins are COMP and PFM.
grounding
A ground plane is highly recommended. The PGND pin of the UCC39421 should be close to the grounded end
of the current-sense resistor, the input filter cap, and the output filter cap. The GND pin should be close to the
grounded end of the RT resistor, the feedback divider resistor, the ISENSE capacitor (if used), and the
compensation network.
MOSFET gate resistors
The UCC39421 includes low-impedance CMOS output drivers for the two external MOSFET switches. The
CHRG output has a nominal resistance of 4
Ω, and the RECT has a nominal resistance of 2 Ω. For
high-frequency operation using low gate charge MOSFETs, no gate resistors are required. To reduce
high-frequency ringing at the MOSFET gates, low-value series gate resistors may be added. These should be
non-inductive resistors, with a value of 2
Ω to 10 Ω, depending on the frequency of operation. Lower values
results in better switching times, improving efficiency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com