Electronic Components Datasheet Search
  English  ▼

X  

FS450 Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # FS450
Description  i-Net TV Interface Video Processor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FS450 Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button FS450 Datasheet HTML 11Page - List of Unclassifed Manufacturers FS450 Datasheet HTML 12Page - List of Unclassifed Manufacturers FS450 Datasheet HTML 13Page - List of Unclassifed Manufacturers FS450 Datasheet HTML 14Page - List of Unclassifed Manufacturers FS450 Datasheet HTML 15Page - List of Unclassifed Manufacturers FS450 Datasheet HTML 16Page - List of Unclassifed Manufacturers FS450 Datasheet HTML 17Page - List of Unclassifed Manufacturers FS450 Datasheet HTML 18Page - List of Unclassifed Manufacturers FS450 Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 60 page
background image
FS450, FS451
PRELIMINARY PRODUCT DESCRIPTION
JUNE, 2000, VERSION 1.2
15
COPYRIGHT
©
© 1999,2000 FOCUS ENHANCEMENTS, INC.
PRELIMINARY INFORM ATION
Pin
Name
Pin
Number
Type/Value
Pin Function Description
CCIR 656 Output Port
V656_OUT7-0
85,84,83,8
1,80,79,77
,76
LVTTL output
Digital CCIR 656 port output. 8 bits wide. Y, Cr, Cb
multiplexed digital output port
HBNK_OUT
75
LVTTL output
Digital TV Horizontal Blank output. Horizontal Blank for
use with the V656_OUT ports.
VBNK_OUT
73
LVTTL output
Digital TV Vertical Blank output. Vertical Blank for use
with the V656_OUT ports.
FIELD_OUT
72
LVTTL output
Digital TV Field output. Field bit for use with the V656_OUT
ports.
AHREF
69
LVTTL output
Digital Auxiliary Horizontal Reference output. Horizontal
Sync for external hardware. Programmable advance or
retard.
AVREF
67
LVTTL output
Digital Auxiliary Vertical Reference output. Vertical Sync
for external hardware. Programmable advance or retard.
Serial Port
SA10/7
25
TTL input
(pull down)
Serial address length select. Selects the length of the
serial address:
SA10/7 = H: 10-bits
SA10/7 = L: 7-bits
SA0
26
TTL input
(pull down)
Serial data address bit 0. . Selects the serial bus address:
SA0 = H: 0x6A, 276
SA0 = L: 0x4A, 224
SDATA
24
TTL I/0
(open drain)
Serial data. Data line of the serial port. Connect to GCC
LTVDA.
SCLK
23
TTL Input
Serial clock. Clock line of the serial port. Connect to GCC
LTVCL.
Power and Ground
VDDPA
22
+3.3 V
VGA_CKOUT Phase-locked loop Power. Filtered +3.3 volt
power for VGA_CKOUT phase locked loop.
VDDOSC
3
+3.3 V
TV Crystal Oscillator Power. Filtered +3.3 volt power for
TV XTAL oscillator.
VDD
33,45,56,6
6,74,82,90
+3.3 V
Digital Power. 3.3 volt power for digital section of chip.
VDDDA
10,13,16,1
8
+3.3 V
D/A Converter Power. Filtered +3.3 volt power for 10 bit
video D/A converters.
VSSPA
27
0 V
VGA_CKOUT phase-locked loop ground.
VSSOSC
4
0 V
TV Crystal Oscillator ground.
VSS
32,38,50,6
1,70,78,86
,95
0 V
Digital ground. +3.3 volt power return.
VSSDA
7,14
0 V
D/A Converter Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com