Electronic Components Datasheet Search
  English  ▼

X  

FS450 Datasheet(PDF) 51 Page - List of Unclassifed Manufacturers

Part # FS450
Description  i-Net TV Interface Video Processor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FS450 Datasheet(HTML) 51 Page - List of Unclassifed Manufacturers

Back Button FS450 Datasheet HTML 47Page - List of Unclassifed Manufacturers FS450 Datasheet HTML 48Page - List of Unclassifed Manufacturers FS450 Datasheet HTML 49Page - List of Unclassifed Manufacturers FS450 Datasheet HTML 50Page - List of Unclassifed Manufacturers FS450 Datasheet HTML 51Page - List of Unclassifed Manufacturers FS450 Datasheet HTML 52Page - List of Unclassifed Manufacturers FS450 Datasheet HTML 53Page - List of Unclassifed Manufacturers FS450 Datasheet HTML 54Page - List of Unclassifed Manufacturers FS450 Datasheet HTML 55Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 60 page
background image
FS450, FS451
PRELIMINARY PRODUCT DESCRIPTION
JUNE, 2000, VERSION 1.2
51
COPYRIGHT
©
© 1999,2000 FOCUS ENHANCEMENTS, INC.
PRELIMINARY INFORM ATION
Hex
Indx
Register
NTSC
PAL
PAL-M
PAL-N
Combinatio
n
PAL-N
40
CHR_FREQ
0x21f07c1f
0x2a098acb
0x21e6efe3
0x2a098acb
0x21f69446
44
CHR_PHASE
0
0
0
0
0
74
CPHASE
2
0
0
0
0
60
CR_GAIN
137
145
137
137
145
62
CB_GAIN
137
145
137
137
145
4C
CR_BURST
0
31
29
29
31
4B
CB_BURST
59
44
41
41
44
74
SYS625_50
0
1
0
1
1
74
VSYNC5
0
1
0
0
1
74
PAL_MODE
0
1
1
1
1
48
HSYNC_WID
126
126
126
126
126
49
BURST_WID
68
64
68
64
68
4A
BPORCH
118
138
118
138
138
6C
FRNT_PORCH
32
24
32
24
24
69
BREEZE_WAY
22
26
18
26
26
71
ACTIVELINE
1440
1440
1440
1440
1440
50
BLANK_LVL
240
251
240
240
251
7C
WSS_LVL
240
251
240
240
251
4E
BLACK_LVL
282
251
282
282
251
5E
WHITE_LVL
800
800
800
800
800
75
SYNC_LVL
16
16
16
16
16
57
LINE_FRAME
525
625
525
625
625
Table 7: Typical Register Values for Various Standards



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com