Electronic Components Datasheet Search
  English  ▼

X  

FS450 Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # FS450
Description  i-Net TV Interface Video Processor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FS450 Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button FS450 Datasheet HTML 23Page - List of Unclassifed Manufacturers FS450 Datasheet HTML 24Page - List of Unclassifed Manufacturers FS450 Datasheet HTML 25Page - List of Unclassifed Manufacturers FS450 Datasheet HTML 26Page - List of Unclassifed Manufacturers FS450 Datasheet HTML 27Page - List of Unclassifed Manufacturers FS450 Datasheet HTML 28Page - List of Unclassifed Manufacturers FS450 Datasheet HTML 29Page - List of Unclassifed Manufacturers FS450 Datasheet HTML 30Page - List of Unclassifed Manufacturers FS450 Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 60 page
background image
FS450, FS451
PRELIMINARY PRODUCT DESCRIPTION
JUNE, 2000, VERSION 1.2
27
COPYRIGHT
©
© 1999,2000 FOCUS ENHANCEMENTS, INC.
PRELIMINARY INFORM ATION
6.2.9 NCOD - Denominator of NCO Word
Denominator of NCO Word (14)
7
6
5
4
3
2
1
0
NCOD7
NCOD6
NCOD5
NCOD4
NCOD3
NCOD2
NCOD1
NCOD0
Denominator of NCO Word (15)
7
6
5
4
3
2
1
0
NCOD15
NCOD14
NCOD13
NCOD12
NCOD11
NCOD10
NCOD9
NCOD8
Denominator of NCO Word (16)
7
6
5
4
3
2
1
0
NCOD23
NCOD22
NCOD21
NCOD20
NCOD19
NCOD18
NCOD17
NCOD16
Denominator of NCO Word (17)
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
0
Reg
Bit#
Bit Name
Description
16, 15, 14
7-0,7-0,7-0
NCOD23-0
Denominator of NCO Word [23:0]. Denominator of clock
synthesizer to generate VGA input clock. NCOD is a 24 bit
unsigned number.
Range: {NCON*2 : (2
24-1)}
The FS450 synthesizes a 27-85 MHz clock from the 27 MHz TV_CKIN and supplies this clock
(VGA_CKOUT) to the GCC. This clock is buffered and returned to the FS450 (VGA_CKIN) synchronous to
the RGB data and Sync information. This clock has a 1.5 Hz resolution and can be adjusted so the VGA
scaled input data rate exactly matches the CCIR 656 data output rate.
Frequency VGA / Frequency 656 = # VGA Pixels / # 656 Pixels x # VGA Lines / # 656 Lines
Frequency VGA / Frequency 656 = NCON / NCOD x M / N
Example: for SVGA mode, typ. total pixels x lines ~ 1024 x 625; let M=512, N=128:
NTSC: NCOD = 858 x 525 x 512 / 128 = 1,801,800
PAL: NCOD = 864 x 625 x 512 / 128 = 2,160,000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com