Electronic Components Datasheet Search
  English  ▼

X  

ZL40264 Datasheet(PDF) 34 Page - Microchip Technology

Part # ZL40264
Description  Four Output Ultra-Low Additive Phase Noise PCIe
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ZL40264 Datasheet(HTML) 34 Page - Microchip Technology

Back Button ZL40264 Datasheet HTML 28Page - Microchip Technology ZL40264 Datasheet HTML 29Page - Microchip Technology ZL40264 Datasheet HTML 30Page - Microchip Technology ZL40264 Datasheet HTML 31Page - Microchip Technology ZL40264 Datasheet HTML 32Page - Microchip Technology ZL40264 Datasheet HTML 33Page - Microchip Technology ZL40264 Datasheet HTML 34Page - Microchip Technology ZL40264 Datasheet HTML 35Page - Microchip Technology ZL40264 Datasheet HTML 36Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 34 / 36 page
background image
ZL40264
DS20006788A-page 34
 2024 Microchip Technology Inc.
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
ZL40264: Four Output Ultra-Low Additive Phase Noise PCIe,
Gen 1 to 5, and UPI/QPI Fanout Buffer
Chip Carrier
Type:
L =
Leadless Chip Carrier
Package:
D =
20-Lead VQFN Package with E-Pad
Media Type:
G =
490/Tray
F =
4,000/Tape & Reel
Finish:
1 =
Pb Free with Matte Sn Lead Finish Equating to RoHS e3
Examples:
a) ZL40264LDG1:
Low Skew, Low Additive Jitter,
Leadless Chip Carrier, 48-Lead
VQFN Package, 490/Tray and Pb
Free with Matte Sn Lead Finish
Equating to RoHS e3
b) ZL40264LDF1:
Low Skew, Low Additive Jitter,
Leadless Chip Carrier, 48-Lead
VQFN Package, 4,000/Reel and
Pb Free with Matte Sn Lead Fin-
ish Equating to RoHS e3
PART NO.
Device
XX
Media
Type
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This
identifier is used for ordering purposes and is
not printed on the device package. Check with
your Microchip Sales Office for package
availability with the Tape and Reel option.
X
Package
XX
Chip Carrier
Type
X
Finish



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com