Electronic Components Datasheet Search
  English  ▼

X  

ZL40264 Datasheet(PDF) 17 Page - Microchip Technology

Part # ZL40264
Description  Four Output Ultra-Low Additive Phase Noise PCIe
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ZL40264 Datasheet(HTML) 17 Page - Microchip Technology

Back Button ZL40264 Datasheet HTML 13Page - Microchip Technology ZL40264 Datasheet HTML 14Page - Microchip Technology ZL40264 Datasheet HTML 15Page - Microchip Technology ZL40264 Datasheet HTML 16Page - Microchip Technology ZL40264 Datasheet HTML 17Page - Microchip Technology ZL40264 Datasheet HTML 18Page - Microchip Technology ZL40264 Datasheet HTML 19Page - Microchip Technology ZL40264 Datasheet HTML 20Page - Microchip Technology ZL40264 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
 2024 Microchip Technology Inc.
DS20006788A-page 17
ZL40264
3.0
AC AND DC ELECTRICAL CHARACTERISTICS
Note 1: Exceeding these values may cause permanent damage.
2: Functional operation under these conditions is not implied.
3: Voltages are with respect to ground (GND) unless otherwise stated.
Note 1: Voltages are with respect to ground (GND) unless otherwise stated.
2: The device core supports two power supply modes (3.3V and 2.5V).
TABLE 3-1:
ABSOLUTE MAXIMUM RATINGS
(Note 1, Note 2, Note 3)
Parameter
Symbol
Min.
Max.
Units
Supply Voltage, 3.3V
VDD/VDDO
–0.5
4.6
V
Supply Voltage, 2.5V
VDD/VDDO
–0.5
3.5
V
Storage Temperature Range
TST
–55
125
°C
TABLE 3-2:
RECOMMENDED OPERATING RATINGS
(Note 1, Note 2)
Parameter
Symbol
Min.
Typ.
Max.
Units
Supply Voltage, 3.3V
VDD/VDDO
3.135
3.30
3.465
V
Supply Voltage, 2.5V
VDD/VDDO
2.375
2.50
2.625
V
Operating Temperature
TA
–40
25
85
°C
Input Voltage
VDD-IN
–0.3
—
VDD + 0.3
V
TABLE 3-3:
CURRENT CONSUMPTION
Parameter
Symbol
Min
Typ.
Max
Units Condition
Core device current
IS_3.3V
—49
53
mA
VDD = 3.3V+5%
IS_2.5V
—48
53
mA
VDD = 2.5V+5%
Common output current
IDD_CM_3.3V
—5.24
5.82
mA
VDDO = 3.3V+5%
IDD_CM_2.5V
—4.72
5.32
mA
VDDO = 2.5V+5%
Current dissipation per HCSL output
IDD_HCSL_3.3V
—
14.92
17.18
mA
VDDO = 3.3V+5%
IDD_HCSL_2.5V
—
14.61
16.62
mA
VDDO = 2.5V+5%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com