Electronic Components Datasheet Search
  English  ▼

X  

ZL40264 Datasheet(PDF) 7 Page - Microchip Technology

Part # ZL40264
Description  Four Output Ultra-Low Additive Phase Noise PCIe
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ZL40264 Datasheet(HTML) 7 Page - Microchip Technology

Back Button ZL40264 Datasheet HTML 3Page - Microchip Technology ZL40264 Datasheet HTML 4Page - Microchip Technology ZL40264 Datasheet HTML 5Page - Microchip Technology ZL40264 Datasheet HTML 6Page - Microchip Technology ZL40264 Datasheet HTML 7Page - Microchip Technology ZL40264 Datasheet HTML 8Page - Microchip Technology ZL40264 Datasheet HTML 9Page - Microchip Technology ZL40264 Datasheet HTML 10Page - Microchip Technology ZL40264 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
 2023 Microchip Technology Inc.
DS20006788A-page 7
ZL40264
1.1
Pin Descriptions
All device inputs and outputs are HCSL unless described otherwise.
The I/O column uses the following symbols: I – input, IPU – input with 300 kΩ internal pull-up resistor, IPD – input with
300 kΩ internal pull-down resistor, IAPU – input with 31 kΩ internal pull-up resistor, IAPD – input with 30 kΩ internal pull-
down resistor, IAPU/APD – input biased to VDD/2 with 60 kΩ internal pull-up and pull-down resistors (30 kΩ equivalent),
O – output, I/O – Input/Output pin, NC – No connect pin, P – power supply pin.
TABLE 1-1:
PIN DESCRIPTION
Pin
Number
Pin Name
Type
Description
Input Reference
20
IN0_p
IAPD
IAPU/APD
Input Differential or Single Ended Reference
Input frequency range 0 Hz to 600 MHz.
Non-inverting inputs (_p) are pulled down with internal 30 kΩ pull-down
resistors. Inverting inputs (_n) are pulled up and pulled down with 60 kΩ
internal resistors (30 kΩ equivalent) to keep inverting input voltages at
VDD/2 when inverting inputs are left floating (device fed with a single
ended reference).
19
IN0_n
Output Clocks
17
OUT0_p
O
Ultra-Low Additive Jitter Differential HCSL Outputs 0 to 1
Output frequency range 0 MHz to 600 MHz.
16
OUT0_n
12
OUT1_p
11
OUT1_n
9OUT2_p
8OUT2_n
5OUT3_p
4OUT3_n
Control
18
OE0_b
IPD
Output Enable. Logic level on these pins enables/disables corresponding
outputs.
13
OE1_b
10
OE2_b
OEn_b
OUTn_p/n
0
Active
3OE3_b
1
High-Z (outputs p/n will be low/low because of 50 Ω
shunt resistors—see recommended output termina-
tion)
Power and Ground
1VDD
P
Positive Supply Voltage. Connect to 3.3V or 2.5V supply.
6
VDDO
P
Positive Supply Voltage for Differential Outputs. Connect 3.3V or 2.5V
power supply. VDDO does not have to be connected to the same voltage
level as VDD.
15
2
GND
P
Ground. Connect to the ground.
7
14
E-Pad



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com