Electronic Components Datasheet Search
  English  ▼

X  

BGE02 Datasheet(PDF) 1 Page - BeRex Corporation

Part # BGE02
Description  30-4000 MHz BROADBAND AMPLIFIER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BGE02 Datasheet(HTML) 1 Page - BeRex Corporation

  BGE02 Datasheet HTML 1Page - BeRex Corporation BGE02 Datasheet HTML 2Page - BeRex Corporation BGE02 Datasheet HTML 3Page - BeRex Corporation BGE02 Datasheet HTML 4Page - BeRex Corporation BGE02 Datasheet HTML 5Page - BeRex Corporation BGE02 Datasheet HTML 6Page - BeRex Corporation BGE02 Datasheet HTML 7Page - BeRex Corporation BGE02 Datasheet HTML 8Page - BeRex Corporation BGE02 Datasheet HTML 9Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
30-4000 MHz BROADBAND AMPLIFIER
BGE02
1
Rev. 4.3
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2021 BeRex
• Single Fixed 3.3V Supply
• Gain = 17.4dB @ 3.5GHz
• Gain Flatness < 1dB @ 3~4GHz
• Output P1 dB = 17.7 dBm @ 3.5GHz
• OIP3 = 34.5dBm @ 3.5GHz
• Internally matched to 50 ohms
• RoHS2-compliant SOT-363 SMT package
The BGE02 is a BroadBand, GaAs E-pHEMT Amplifier
that is ideal for applications demanding high linearity in
a wideband of 30-4000 MHz. The BGE02 is internally
matched to 50 Ohms and requires no external matching
components. It is available in RoHS2-compliant SOT-
363 SMT package. These devices are 100% DC and RF
tested to assure quality and performance.
Product Description
Device Features
• Repeaters
• Mobile Infrastructure
• LTE / WCDMA / EDGE / CDMA /5G NR / WIFI
• General Purpose Wireless
Applications
Applications Circuit
BOM@GHz
0.03~1
0.5~4
3~4
C1
1nF
100pF
10pF
C2
1nF
100pF
10pF
C3
100pF
100pF
100pF
C4
1uF
1uF
1uF
C5
NA
NA
0.5pF
L1
680nH
12nH
5.6nH
E2X
X
IN
GND
GND
OUT
GND
GND
Pin Description
RF IN
3
RF OUT
6
GND
1,2,4,5
Part Marking (XX: Lot number)
*ACLR Channel Power measured at -50dBc.
- 5G set-up: 3GPP 5G NR, 100MHz BW, ±100MHz offset, PAR 9.5 at 0.01% Prob.
Electrical Specifications
Absolute Maximum Ratings
Parameter
Rating
Unit
Storage Temperature
-55 to +155
°C
Junction Temperature
+165
°C
Supply Voltage
+6.0
V
Supply Current
140
mA
Input RF Power
26
dBm
Operation of this device above any of these parameters may result in permanent damage.
Device performance _ measured on a BeRex evaluation board at 25°C, Vd=3.3V, 50 Ω system.
Parameter
Conditions
Min
Typ
Max
Unit
Operational
Frequency Range
30
4000
MHz
Test Frequency
3500
MHz
Gain
15.9
17.4
dB
Input Return Loss
-27.8
dB
Output Return Loss
-10.0
dB
Output IP3
0 dBm / tone ,
Δf=1 MHz
31.5
34.5
dBm
Output P1dB
16.7
17.7
dBm
5G NR ACLR
*
6.6
7.6
dBm
Noise Figure
1.9
dB
Parameter
Min
Typ
Max
Unit
Bandwidth
30
4000
MHz
Id @ (Vd = 3.3V)
56
69
82
mA
Vd
3.2
3.3
3.4
V
dG/dT
0.018
dB/°C
RTH
51.3
°C/W
Operating Case Temperature
-40
+105
°C
Recommended Operating Conditions
Electrical specifications are measured at specified test conditions.
Specifications are not guaranteed over all recommended operating conditions.
C1
C2
RF In
RF Out
BGE02
Vdd
L1
C3
C4
C5


Similar Part No. - BGE02

ManufacturerPart #DatasheetDescription
logo
LEMO Connectors
BGE.0M.200.AZ LEMO-BGE.0M.200.AZ Datasheet
6Mb / 140P
M SERIES CONNECTORS RATCHET COUPLING
BGE.0M.200.XAZ LEMO-BGE.0M.200.XAZ Datasheet
68Kb / 3P
M - Rugged Ratchet coupling
BGE.1M.200.AZ LEMO-BGE.1M.200.AZ Datasheet
6Mb / 140P
M SERIES CONNECTORS RATCHET COUPLING
BGE.1M.200.XAZ LEMO-BGE.1M.200.XAZ Datasheet
68Kb / 3P
M - Rugged Ratchet coupling
BGE.2M.200.AZ LEMO-BGE.2M.200.AZ Datasheet
6Mb / 140P
M SERIES CONNECTORS RATCHET COUPLING
More results

Similar Description - BGE02

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
AWG0015 ASB-AWG0015 Datasheet
638Kb / 15P
30 ~ 4000 MHz Wide-band Gain Block Amplifier MMIC
July 2014
AWG0023 ASB-AWG0023 Datasheet
582Kb / 13P
30 ~ 4000 MHz Wide-band Gain Block Amplifier MMIC
July 2014
AWG0115 ASB-AWG0115 Datasheet
588Kb / 13P
30 ~ 4000 MHz Wide-band Gain Block Amplifier MMIC
July 2014
AWG0120 ASB-AWG0120 Datasheet
584Kb / 13P
30 ~ 4000 MHz Wide-band Gain Block Amplifier MMIC
July 2014
logo
BeRex Corporation
BVA303 BEREX-BVA303 Datasheet
3Mb / 15P
30-4000 MHz DIGITAL VARIABLE GAIN AMPLIFIER
logo
Advanced Semiconductor ...
AWG0015E ASB-AWG0015E Datasheet
665Kb / 15P
30 ~ 4000 MHz Wide-band Gain Block Amplifier MMIC
January 2017
AWG0020E ASB-AWG0020E Datasheet
690Kb / 15P
30 ~ 4000 MHz Wide-band Gain Block Amplifier MMIC
January 2017
AWG0023E ASB-AWG0023E Datasheet
601Kb / 13P
30 ~ 4000 MHz Wide-band Gain Block Amplifier MMIC
January 2017
AWG0117E ASB-AWG0117E Datasheet
605Kb / 13P
30 ~ 4000 MHz Wide-band Gain Block Amplifier MMIC
January 2017
AWG0120E ASB-AWG0120E Datasheet
637Kb / 13P
30 ~ 4000 MHz Wide-band Gain Block Amplifier MMIC
January 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com