Electronic Components Datasheet Search
  English  ▼

X  

BGE02 Datasheet(PDF) 4 Page - BeRex Corporation

Part # BGE02
Description  30-4000 MHz BROADBAND AMPLIFIER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BGE02 Datasheet(HTML) 4 Page - BeRex Corporation

  BGE02 Datasheet HTML 1Page - BeRex Corporation BGE02 Datasheet HTML 2Page - BeRex Corporation BGE02 Datasheet HTML 3Page - BeRex Corporation BGE02 Datasheet HTML 4Page - BeRex Corporation BGE02 Datasheet HTML 5Page - BeRex Corporation BGE02 Datasheet HTML 6Page - BeRex Corporation BGE02 Datasheet HTML 7Page - BeRex Corporation BGE02 Datasheet HTML 8Page - BeRex Corporation BGE02 Datasheet HTML 9Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
30-4000 MHz BROADBAND AMPLIFIER
BGE02
4
Rev. 4.3
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2021 BeRex
(Vd = 3.3V, Id = 69mA, T=25°C)
IF Application Circuit: 30 – 1000MHz
Schematic Diagram
BOM
Tolerance
C1
1nF
± 5%
C2
1nF
± 5%
C3
100pF
± 5%
C4
1uF
± 5%
L1
680nH
± 5%
Typical Performance
-40
-35
-30
-25
-20
-15
-10
-5
0
0
200
400
600
800
1,000
Freq [MHz]
+25°C
-40°C
+105°C
-40
-35
-30
-25
-20
-15
-10
-5
0
0
200
400
600
800
1,000
Freq [MHz]
+25°C
-40°C
+105°C
0
5
10
15
20
25
30
0
200
400
600
800
1,000
Freq [MHz]
Gain Flatness
+25°C
-40°C
+105°C
C1
C2
RF In
RF Out
BGE02
Vdd
L1
C3
C4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com