Electronic Components Datasheet Search
  English  ▼

X  

BGE02 Datasheet(PDF) 2 Page - BeRex Corporation

Part # BGE02
Description  30-4000 MHz BROADBAND AMPLIFIER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BGE02 Datasheet(HTML) 2 Page - BeRex Corporation

  BGE02 Datasheet HTML 1Page - BeRex Corporation BGE02 Datasheet HTML 2Page - BeRex Corporation BGE02 Datasheet HTML 3Page - BeRex Corporation BGE02 Datasheet HTML 4Page - BeRex Corporation BGE02 Datasheet HTML 5Page - BeRex Corporation BGE02 Datasheet HTML 6Page - BeRex Corporation BGE02 Datasheet HTML 7Page - BeRex Corporation BGE02 Datasheet HTML 8Page - BeRex Corporation BGE02 Datasheet HTML 9Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
30-4000 MHz BROADBAND AMPLIFIER
BGE02
2
Rev. 4.3
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2021 BeRex
0
20
40
60
80
100
120
140
160
0
1
2
3
4
5
6
Vd [V]
+25°C
-40°C
+105°C
V-I Characteristics
Typical Performance (Vd=3.3V, Id=69mA, T=25°C)
Parameter
Frequency
Unit
70
900
1900
2650
3500
1
MHz
Gain
21.3
20.3
19.3
17.7
17.4
dB
S11
-13.0
-18.6
-13.4
-11.5
-27.8
dB
S22
-22.2
-18.4
-24.5
-12.7
-10.0
dB
OIP3
35.1
34.6
34.4
33.3
34.5
dBm
P1dB
18.8
18.7
17.8
17.5
17.7
dBm
LTE 20M ACLR
*
9.8
9.3
8.7
8.0
-
dBm
5G NR ACLR
*
-
-
-
-
7.6
dBm
Noise Figure
1.43
1.32
1.49
1.84
1.90
dB
- LTE set-up: 3GPP LTE, FDD E-TM3.1, 20MHz BW, ±20MHz offset, PAR 9.75 at 0.01% Prob.
*ACLR Channel Power measured at -50dBc.
- 5G set-up: 3GPP 5G NR, 100MHz BW, ±100MHz offset, PAR 9.5 at 0.01% Prob.
BeRex SOT-363 Evaluation Board
*Dielectric constant _ 4.6 *RF pattern width 0.6T
*0.4T thick FR4 PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com