Electronic Components Datasheet Search
  English  ▼

X  

OPA690 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # OPA690
Description  Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA690 Datasheet(HTML) 23 Page - Texas Instruments

Back Button OPA690 Datasheet HTML 19Page - Texas Instruments OPA690 Datasheet HTML 20Page - Texas Instruments OPA690 Datasheet HTML 21Page - Texas Instruments OPA690 Datasheet HTML 22Page - Texas Instruments OPA690 Datasheet HTML 23Page - Texas Instruments OPA690 Datasheet HTML 24Page - Texas Instruments OPA690 Datasheet HTML 25Page - Texas Instruments OPA690 Datasheet HTML 26Page - Texas Instruments OPA690 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
www.ti.com
DRIVING CAPACITIVE LOADS
1/2
OPA2890
50W
R
F
750W
R
G
375W
R
B
261W
R
M
57.6W
Source
+5V
-5V
R
O
50W
0.1 F
m
6.8 F
m
+
0.1 F
m
0.1 F
m
6.8 F
m
+
50
Load
W
V
O
V
I
= 2V/V
-
V
O
V
I
DISTORTION PERFORMANCE
OPA2890
SBOS364A – DECEMBER 2007 – REVISED DECEMBER 2007
discussed in the previous section. The amplifier
Combining
this
resistance
in
parallel
with
the
output, however, now sees the 100
Ω feedback
feedback resistor gives the RB = 261Ω used in this
resistor in parallel with the external load. In general,
example. To reduce the additional high-frequency
the feedback resistor should be limited to the 200
Ω to
noise introduced by this resistor, it is sometimes
1.5k
Ω range. In this case, it is preferable to increase
bypassed with a capacitor. As long as RB < 350Ω, the
both the RF and RG values (see Figure 56), and then
capacitor is not required because the total noise
achieve the input matching impedance with a third
contribution of all other terms is less than that of the
resistor (RM) to ground. The total input impedance
op amp input noise voltage. As a minimum, the
becomes the parallel combination of RG and RM.
OPA2890 requires an RB value of 50Ω to damp out
parasitic-induced peaking—a direct short to ground
on the noninverting input runs the risk of a very
high-frequency instability in the input stage.
One of the most demanding and yet very common
load conditions for an op amp is capacitive loading.
Often, the capacitive load is the input of an
ADC—including additional external capacitance that
may be recommended to improve ADC linearity. A
high-speed, high open-loop gain amplifier such as the
OPA2890 can be very susceptible to decreased
stability and closed-loop response peaking when a
capacitive load is placed directly on the output pin.
When the open-loop output resistance of the amplifier
is considered, this capacitive load introduces an
additional pole in the signal path that can decrease
the phase margin. Several external solutions to this
problem have been suggested. When the primary
considerations
are
frequency
response
flatness,
pulse response fidelity, and/or distortion, the simplest
and most effective solution is to isolate the capacitive
Figure 59. Gain of –2V/V Example Circuit
load
from
the
feedback
loop
by
inserting
a
series-isolation resistor between the amplifier output
and the capacitive load. This solution does not
The second major consideration, touched on in the
eliminate the pole from the loop response, but rather
previous
paragraph,
is
that
the
signal
source
shifts it and adds a zero at a higher frequency. The
impedance becomes part of the noise gain equation
additional zero acts to cancel the phase lag from the
and influences the bandwidth. For the example in
capacitive load pole, thus increasing the phase
Figure 59, the RM value combined in parallel with the
margin and improving stability.
external 50
Ω source impedance yields an effective
driving impedance of 50
Ω || 57.6Ω = 26.7Ω. This
The Typical Characteristics show the recommended
impedance is added in series with RG for calculating
RS versus capacitive load (see Figure 15 and
the noise gain (NG). The resultant NG is 2.86V/V for
Figure 36) and the resulting frequency response at
Figure 59, as opposed to only 2V/V if RM could be
the load. Parasitic capacitive loads greater than 2pF
eliminated
as
discussed
above.
Therefore,
the
can begin to degrade the performance of the
bandwidth is slightly lower for the gain of –2V/V
OPA2890. Long PCB traces, unmatched cables, and
circuit of Figure 59 than for the gain of +2V/V circuit
connections to multiple devices can easily exceed
of Figure 49.
this value. Always consider this effect carefully, and
add the recommended series resistor as close as
The third important consideration in inverting amplifier
possible to the OPA2890 output pin (see the Board
design is setting the bias current cancellation resistor
Layout Guidelines section).
on the noninverting input (RB). If this resistor is set
equal to the total dc resistance looking out of the
inverting node, the output dc error (as a result of the
input bias currents) is reduced to [(Input Offset
The OPA2890 provides good distortion performance
Current)
× R
F].
If the 50
Ω source impedance is
into a 100
Ω load on ±5V supplies. Relative to
DC-coupled in Figure 57, the total resistance to
alternative
solutions,
it
provides
exceptional
ground on the inverting input is 402
Ω.
performance into lighter loads and/or operating on a
single +5V supply. Generally, until the fundamental
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Link(s): OPA2890



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com