Electronic Components Datasheet Search
  English  ▼

X  

OPA690 Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # OPA690
Description  Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA690 Datasheet(HTML) 26 Page - Texas Instruments

Back Button OPA690 Datasheet HTML 22Page - Texas Instruments OPA690 Datasheet HTML 23Page - Texas Instruments OPA690 Datasheet HTML 24Page - Texas Instruments OPA690 Datasheet HTML 25Page - Texas Instruments OPA690 Datasheet HTML 26Page - Texas Instruments OPA690 Datasheet HTML 27Page - Texas Instruments OPA690 Datasheet HTML 28Page - Texas Instruments OPA690 Datasheet HTML 29Page - Texas Instruments OPA690 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 35 page
background image
www.ti.com
P =10V
2.5mA+2[5 /(4
(75
||1.5k ))]=200mW
´
´
W
W
D
2
MaximumT =+85 C+(0.2W
125 C/W)=110 C
°
´
°
°
J
THERMAL ANALYSIS
OPA2890
SBOS364A – DECEMBER 2007 – REVISED DECEMBER 2007
In normal operation, base current to Q1 is provided
Operating junction temperature (TJ) is given by TA +
through the 2M
Ω resistor, while the emitter current
PD × θJA. The total internal power dissipation (PD) is
through the 50k
Ω resistor sets up a voltage drop that
the sum of quiescent power (PDQ) and additional
is inadequate to turn on the two diodes in the Q1
power dissipated in the output stage (PDL) to deliver
emitter. As VDIS is pulled LOW, additional current is
load power. Quiescent power is simply the specified
pulled through the 50k
Ω resistor, eventually turning
no-load supply current times the total supply voltage
on those two diodes (
≈30µA). At this point, any
across the part. PDL depends on the required output
further current pulled out of VDIS goes through those
signal and load; for a grounded resistive load, PDL is
diodes holding the emitter-base voltage of Q1 at
at a maximum when the output is fixed at a voltage
approximately 0V. This current shuts off the collector
equal to 1/2 of either supply voltage (for equal bipolar
current out of Q1, turning the amplifier off. The supply
supplies). Under this condition, PDL = VS
2/(4
× R
L),
currents in the disable mode are only those required
where RL includes feedback network loading.
to operate the circuit of Figure 62. Additional circuitry
Note that it is the power in the output stage and not
ensures that turn-on time occurs faster than turn-off
into
the
load
that
determines
internal
power
time (make-before-break).
dissipation.
When disabled, the output and input nodes go to a
As a worst-case example, compute the maximum TJ
high-impedance state. If the OPA2890 is operating at
using an OPA2890ID (SO-8 package) in the circuit of
a gain of +1V/V, the device shows a very high
Figure 49 operating at the maximum specified
impedance at the output and exceptional signal
ambient temperature of +85
°C and with both outputs
isolation. If operating at a gain greater than +1V/V,
driving a grounded 20
Ω load to +2.5V.
the total feedback network resistance (RF + RG)
appears as the impedance looking back into the
output, but the circuit still shows very high forward
and reverse isolation. If configured as an inverting
amplifier, the input and output are connected through
the feedback network resistance (RF + RG) and the
This absolute worst-case condition does not exceed
isolation is very poor as a result.
the specified maximum junction temperature. Actual
PDL is normally less than that considered here.
Carefully consider maximum TJ in your application.
Maximum desired junction temperature sets the
maximum allowed internal power dissipation as
described below. In no case should the maximum
junction temperature be allowed to exceed +150
°C.
26
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): OPA2890



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com