Electronic Components Datasheet Search
  English  ▼

X  

46081 Datasheet(PDF) 7 Page - Presto International UK Limited

Part # 46081
Description  ENGINEERS CUTTING TOOLS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PRESTO [Presto International UK Limited]
Direct Link  https://www.presto-tools.co.uk/
Logo PRESTO - Presto International UK Limited

46081 Datasheet(HTML) 7 Page - Presto International UK Limited

Back Button 46081 Datasheet HTML 3Page - Presto International UK Limited 46081 Datasheet HTML 4Page - Presto International UK Limited 46081 Datasheet HTML 5Page - Presto International UK Limited 46081 Datasheet HTML 6Page - Presto International UK Limited 46081 Datasheet HTML 7Page - Presto International UK Limited 46081 Datasheet HTML 8Page - Presto International UK Limited 46081 Datasheet HTML 9Page - Presto International UK Limited 46081 Datasheet HTML 10Page - Presto International UK Limited 46081 Datasheet HTML 11Page - Presto International UK Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
presto-tools.com
7
HSS Elite Drill Sets - DIN338 Jobber Drills
Part No
No of Drills
Increments
Range
09522M19
19
0.5mm
1mm - 10mm
09522M25
25
0.5mm
1mm - 13mm
09522M41
41
0.1mm
6mm - 10mm
09522M50
50
0.1mm
1mm - 5.9mm
09901M29
55
0.5mm
1mm - 13mm
09522M170
170
0.5mm
1mm - 10mm
HSS Elite+ Drill Sets - DIN338 Jobber Drills
Part No
No of Drills
Increments
Range
09565M19
19
0.5mm
1mm - 10mm
09565M25
25
0.5mm
1mm - 13mm
09565M41
41
0.1mm
6mm - 10mm
09565M50
50
0.1mm
1mm - 5.9mm
09965M25
55
0.5mm
1mm - 13mm
09565M170
170
0.5mm
1mm - 10mm
09565M240
240
0.5mm
1mm - 13mm
HSCo Drill Sets - DIN338 Jobber Drills
Part No
No of Drills
Increments
Range
09501M19
19
0.5mm
1mm - 10mm
09501M25
25
0.5mm
1mm - 13mm
09501M41
41
0.1mm
6mm - 10mm
09501M50
50
0.1mm
1mm - 5.9mm
09911M25
55
0.5mm
1mm - 13mm
09501M170
170
0.5mm
1mm - 10mm
HSCo Super Elite Drill Sets - DIN338 Jobber Drills
Part No
No of Drills
Increments
Range
09507M19
19
0.5mm
1mm - 10mm
09507M25
25
0.5mm
1mm - 13mm
Set shown 09522M19
Set shown 09565M19
Set shown 09501M19
Set shown 09507M19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com