Electronic Components Datasheet Search
  English  ▼

X  

46081 Datasheet(PDF) 9 Page - Presto International UK Limited

Part # 46081
Description  ENGINEERS CUTTING TOOLS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PRESTO [Presto International UK Limited]
Direct Link  https://www.presto-tools.co.uk/
Logo PRESTO - Presto International UK Limited

46081 Datasheet(HTML) 9 Page - Presto International UK Limited

Back Button 46081 Datasheet HTML 5Page - Presto International UK Limited 46081 Datasheet HTML 6Page - Presto International UK Limited 46081 Datasheet HTML 7Page - Presto International UK Limited 46081 Datasheet HTML 8Page - Presto International UK Limited 46081 Datasheet HTML 9Page - Presto International UK Limited 46081 Datasheet HTML 10Page - Presto International UK Limited 46081 Datasheet HTML 11Page - Presto International UK Limited 46081 Datasheet HTML 12Page - Presto International UK Limited 46081 Datasheet HTML 13Page - Presto International UK Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
presto-tools.com
9
Straight Shank Reamers
Series #
Standard
Material
Type
Size Range
Surface
Form
73060
DIN 206
HSS
SS Hand
1.5 - 40.0mm
1/16" - 2"
P0 Bright
B
73000
BS 328
SS Machine
1.5 - 16.0mm
1/16" - 1/2"
P0 Bright
B
75040
DIN 9
1:50 Taper Pin
1.5 - 50.0mm
P0 Bright
A
75020
BS 328
1:48 Taper Pin
1/16" - 7/8"
P0 Bright
A
73200
ANSI
1:16 NPT
1/16" - 2"
P0 Bright
A
Chucking Reamers
Series #
Standard
Material
Type
Size Range
Surface
Form
75201
DIN 212
HSCo
Straight
1.4 - 20.0mm
P0 Bright
A,C
75211
DIN 212
Spiral
1.4 - 20.0mm
P0 Bright
B, D
75221
DIN 212
Quick
2.0 - 20.0mm
P0 Bright
E
75101
DIN 208
Straight
3.0 - 50.0mm
P0 Bright
A
75111
DIN 208
Spiral
3.0 - 50.0mm
P0 Bright
B
75121
DIN 208
Quick
5.0 - 32.0mm
P0 Bright
C
Straight Shank Adjustable Reamers
Series #
Standard
Material
Type
Size Range
Surface
Form
75090
Factory
Special
Steel
Straight
8.0 - 65.0mm
P0 Bright
75290
8.0 - 65.0mm
P0 Bright
75080
BS 3088
3/8” - 2.7/32”
H1 - H16
P0 Bright
Morse Taper Shank Reamers
Series #
Standard
Material
Type
Size Range
Surface
Form
72000
BS 328
HSS
MTS
3.0 - 40.0mm
1/8" - 1.1/2"
P0 Bright
B
72050
DIN 311
Bridge
6.4 - 40.0mm
P0 Bright



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com