Electronic Components Datasheet Search
  English  ▼

X  

46081 Datasheet(PDF) 18 Page - Presto International UK Limited

Part # 46081
Description  ENGINEERS CUTTING TOOLS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PRESTO [Presto International UK Limited]
Direct Link  https://www.presto-tools.co.uk/
Logo PRESTO - Presto International UK Limited

46081 Datasheet(HTML) 18 Page - Presto International UK Limited

Back Button 46081 Datasheet HTML 14Page - Presto International UK Limited 46081 Datasheet HTML 15Page - Presto International UK Limited 46081 Datasheet HTML 16Page - Presto International UK Limited 46081 Datasheet HTML 17Page - Presto International UK Limited 46081 Datasheet HTML 18Page - Presto International UK Limited 46081 Datasheet HTML 19Page - Presto International UK Limited 46081 Datasheet HTML 20Page - Presto International UK Limited 46081 Datasheet HTML 21Page - Presto International UK Limited 46081 Datasheet HTML 22Page - Presto International UK Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
18
PRODUCT GUIDE
Slot Drills Short Series
Series #
Standard
Material
Shank Type
Size Range
Surface
30011
DIN 327
HSCo
Flatted
2mm - 40mm
P0 Bright
30016
P6 TiCN
Slot Drills Long Series
Series #
Standard
Material
Shank Type
Size Range
Surface
31211
DIN 327
HSCo
Flatted
3mm - 25mm
P0 Bright
31216
P6 TiCN
Ball Nose Slot Drills Short Series
Series #
Standard
Material
Shank Type
Size Range
Surface
48011
DIN 327
HSCo
Flatted
3mm - 25mm
P0 Bright
48016
P6 TiCN
Ball Nose Slot Drills Long Series
Series #
Standard
Material
Shank Type
Size Range
Surface
48021
DIN 327
HSCo
Screw
3mm - 20mm
P0 Bright
48026
P6 TiCN
Tri-Cutters Short Series
Series #
Standard
Material
Shank Type
Size Range
Surface
36011
DIN 844
HSCo
Flatted
3mm - 25mm
P0 Bright
36016
P6 TiCN
Normal Series Endmills
Series #
Standard
Material
Shank Type
Size Range
Surface
48711
Factory Std
HSS
Flatted
R1 - R16
P0 Bright
48721
Screw
HSS Screw Shank Cutter Sets
Series #
Material
Shank Type
Size Range
Surface
30191
HSS
Screw
6mm - 16mm
P0 Bright
40191



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com