Electronic Components Datasheet Search
  English  ▼

X  

CD74AC161 Datasheet(PDF) 3 Page - Texas Instruments

Part # CD74AC161
Description  CDx4AC161 4-Bit Synchronous Binary Counters
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD74AC161 Datasheet(HTML) 3 Page - Texas Instruments

  CD74AC161 Datasheet HTML 1Page - Texas Instruments CD74AC161 Datasheet HTML 2Page - Texas Instruments CD74AC161 Datasheet HTML 3Page - Texas Instruments CD74AC161 Datasheet HTML 4Page - Texas Instruments CD74AC161 Datasheet HTML 5Page - Texas Instruments CD74AC161 Datasheet HTML 6Page - Texas Instruments CD74AC161 Datasheet HTML 7Page - Texas Instruments CD74AC161 Datasheet HTML 8Page - Texas Instruments CD74AC161 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
3 Pin Configuration and Functions
Figure 3-1. CD54AC161 F Package, CD74AC161 E or M Package (Top View)
Pin Functions
NAME
PIN
TYPE
DESCRIPTION
CLR
1
I
Clear, active low
CLK
2
I
Clock, rising edge triggered
A
3
I
Load data A
B
4
I
Load data B
C
5
I
Load data C
D
6
I
Load data D
ENP
7
I
Count enable, does not affect RCO
GND
8
—
Ground
LOAD
9
I
Parallel load, active low
ENT
10
I
Count enable, affects RCO
QD
11
O
QD output
QC
12
O
QC output
QB
13
O
QB output
QA
14
O
QA output
RCO
15
O
Ripple-carry output
VCC
16
__
Supply
www.ti.com
CD54AC161, CD74AC161
SCHS239D – NOVEMBER 1998 – REVISED MAY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: CD54AC161 CD74AC161



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com