Electronic Components Datasheet Search
  English  ▼

X  

CD74AC161 Datasheet(PDF) 6 Page - Texas Instruments

Part # CD74AC161
Description  CDx4AC161 4-Bit Synchronous Binary Counters
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD74AC161 Datasheet(HTML) 6 Page - Texas Instruments

Back Button CD74AC161 Datasheet HTML 2Page - Texas Instruments CD74AC161 Datasheet HTML 3Page - Texas Instruments CD74AC161 Datasheet HTML 4Page - Texas Instruments CD74AC161 Datasheet HTML 5Page - Texas Instruments CD74AC161 Datasheet HTML 6Page - Texas Instruments CD74AC161 Datasheet HTML 7Page - Texas Instruments CD74AC161 Datasheet HTML 8Page - Texas Instruments CD74AC161 Datasheet HTML 9Page - Texas Instruments CD74AC161 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
4.6 Timing Requirements (continued)
over recommended operating free-air temperature range (unless otherwise noted)
VCC
–55°C to 125°C
–40°C to 85°C
UNIT
MIN
MAX
MIN
MAX
tsu
Setup time, before CLK↑
A, B, C, or D
1.5 V
63
55
ns
3.3 V ± 0.3 V
7
6.1
5 V ± 0.5 V
5
4.4
LOAD
1.5 V
75
66
ns
3.3 V ± 0.3 V
8.4
7.4
5 V ± 0.5 V
6
5.3
th
Hold time
A, B, C, or D
1.5 V
0
0
ns
3.3 V ± 0.3 V
0
0
5 V ± 0.5 V
0
0
ENP or ENT
1.5 V
0
0
ns
3.3 V ± 0.3 V
0
0
5 V ± 0.5 V
0
0
trec
Recovery time, CLR↑ before CLK↑
1.5 V
75
66
3.3 V ± 0.3 V
8.4
7.4
5 V ± 0.5 V
6
5.3
4.7 Switching Characteristics
over recommended operating free-air temperature range, CL = 50 pF (unless otherwise noted) (see Parameter Measurement
Information)
PARAMETER
FROM (INPUT)
TO (OUTPUT
VCC
–55°C to 125°C
–40°C to 85°C
UNIT
MIN
MAX
MIN
MAX
fmax
1.5 V
7
8
MHz
3.3 V ± 0.3 V
64
73
5 V ± 0.5 V
90
103
tpd
CLK
RCO
1.5 V
–
209
–
190
ns
3.3 V ± 0.3 V
6
23.4
6
21
5 V ± 0.5 V
4.3
16.7
4.3
15.2
Any Q
1.5 V
–
207
–
188
3.3 V ± 0.3 V
5.9
23.1
5.9
21
5 V ± 0.5 V
4.2
16.5
4.2
15
ENT
RCO
1.5 V
–
129
–
117
3.3 V ± 0.3 V
3.6
14.4
3.7
13.1
5 V ± 0.5 V
2.6
10.3
2.7
9.4
CLR
Any Q
1.5 V
–
207
–
188
3.3 V ± 0.3 V
5.9
23.1
5.9
21
5 V ± 0.5 V
4.2
16.5
4.2
15
RCO
1.5 V
–
207
–
188
3.3 V ± 0.3 V
5.9
23.1
5.9
21
5 V ± 0.5 V
4.2
16.5
4.2
15
4.8 Timing Diagrams
The following sequence is illustrated below:
CD54AC161, CD74AC161
SCHS239D – NOVEMBER 1998 – REVISED MAY 2024
www.ti.com
6
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: CD54AC161 CD74AC161



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com