Electronic Components Datasheet Search
  English  ▼

X  

DAC8581IPWR Datasheet(PDF) 6 Page - Texas Instruments

Part # DAC8581IPWR
Description  16-BIT, HIGH-SPEED, LOW-NOISE, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC8581IPWR Datasheet(HTML) 6 Page - Texas Instruments

Back Button DAC8581IPWR Datasheet HTML 2Page - Texas Instruments DAC8581IPWR Datasheet HTML 3Page - Texas Instruments DAC8581IPWR Datasheet HTML 4Page - Texas Instruments DAC8581IPWR Datasheet HTML 5Page - Texas Instruments DAC8581IPWR Datasheet HTML 6Page - Texas Instruments DAC8581IPWR Datasheet HTML 7Page - Texas Instruments DAC8581IPWR Datasheet HTML 8Page - Texas Instruments DAC8581IPWR Datasheet HTML 9Page - Texas Instruments DAC8581IPWR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
−4
−2
0
2
4
−40
−20
0
20
40
60
80
TA − Free-Air Temperature − 5C
AVDD = 5 V,
AVSS = –5 V,
VREF = 4.096 V
185
187
189
191
193
−40
−20
0
20
40
60
80
TA − Free-Air Temperature − 5C
AVDD = 5 V,
AVSS = –5 V,
VREF = 4.096 V
−30
−20
−10
0
10
20
30
3
3.5
4
4.5
5
5.5
VREF − Reference Voltage − V
INL max
INL min
AVDD = 6 V,
AVSS = −6 V
−30
−20
−10
0
10
20
30
3
3.5
4
4.5
5
5.5
6
INL max
INL min
AVSS = −AVDD,
VREF = AVDD −0.3 V
AVDD − Supply Voltage − V
−0.5
−0.25
0
0.25
0.5
0
8192
16384
24576
32768
40960
49152
57344
65536
Input Code
−20
−15
−10
−5
0
5
10
15
20
0
8192
16384
24576
32768
40960
49152
57344
65536
Input Code
DAC8581
SLAS481C – AUGUST 2005 – REVISED OCTOBER 2012
www.ti.com
TYPICAL CHARACTERISTICS
LINEARITY ERROR
DIFFERENTIAL LINEARITY ERROR
vs
vs
INPUT CODE
INPUT CODE
Figure 2.
Figure 3.
INTEGRAL NONLINEARITY ERROR
INTEGRAL NONLINEARITY ERROR
vs
vs
VREF
SUPPLY VOLTAGE
Figure 4.
Figure 5.
OFFSET ERROR
GAIN ERROR
vs
vs
TEMPERATURE
TEMPERATURE
Figure 6.
Figure 7.
6
Submit Documentation Feedback
Copyright © 2005–2012, Texas Instruments Incorporated
Product Folder Links: DAC8581
Not Recommended For New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com