Electronic Components Datasheet Search
  English  ▼

X  

DAC8581IPWR Datasheet(PDF) 9 Page - Texas Instruments

Part # DAC8581IPWR
Description  16-BIT, HIGH-SPEED, LOW-NOISE, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC8581IPWR Datasheet(HTML) 9 Page - Texas Instruments

Back Button DAC8581IPWR Datasheet HTML 5Page - Texas Instruments DAC8581IPWR Datasheet HTML 6Page - Texas Instruments DAC8581IPWR Datasheet HTML 7Page - Texas Instruments DAC8581IPWR Datasheet HTML 8Page - Texas Instruments DAC8581IPWR Datasheet HTML 9Page - Texas Instruments DAC8581IPWR Datasheet HTML 10Page - Texas Instruments DAC8581IPWR Datasheet HTML 11Page - Texas Instruments DAC8581IPWR Datasheet HTML 12Page - Texas Instruments DAC8581IPWR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
DAC8581
www.ti.com
SLAS481C – AUGUST 2005 – REVISED OCTOBER 2012
THEORY OF OPERATION
The DAC8581 uses a proprietary, monotonic, high-speed resistor string architecture. The 16-bit input data are
coded in twos complement, MSB-first format and transmitted using a 3-wire serial interface. The serial interface
sends the input data to the DAC latch. The digital data are then decoded to select a tap voltage of the resistor
string. The resistor string output is sent to a high-performance output amplifier. The output buffer has bipolar (±5
V) swing capability on a 600-
Ω, 200-pF load. The resistor string DAC architecture provides exceptional
differential linearity and temperature stability whereas the output buffer provides fast-settling, low-glitch, and
exceptionally low idle-channel noise. The DAC8581 settles within 1
μs for large input signals. Exceptionally low
glitch (0.5 nV-s) is attainable for small-signal, code-to-code output changes. The resistor string architecture also
provides code-independent power consumption and code-independent settling time. The DAC8581 resistor string
needs an external reference voltage to set the output voltage range of the DAC. To aid fast settling, VREF input is
internally buffered.
Supply Pins
The DAC8581 uses ±5-V analog power supplies (AVDD, AVSS) and a 1.8-V to 5.5-V digital supply (DVDD). Analog
and digital ground pins (AGND and DGND) are also provided. For low-noise operation, analog and digital power
and ground pins should be separated. Sufficient bypass capacitors, at least 1
μF, should be placed between
AVDD and AVSS, AVSS and DGND, and DVDD and DGND pins. Series inductors are not recommended on the
supply paths. The digital input pins should not exceed the ground potential during power up. During power up,
AGND and DGND are first applied with all digital inputs and the reference input kept at 0 V. Then, AVDD, DVDD,
AVSS, and VREF should be applied together. Care should be taken to avoid applying VREF before AVDD and AVSS.
All digital pins must be kept at ground potential before power up.
Reference Input Voltage
The reference input pin VREF is typically tied to a +3.3-V, +4.096-V, or +5.0-V external reference. A bypass
capacitor (0.1
μF or less) is recommended, depending on the load-driving capability of the voltage reference. To
reduce crosstalk and improve settling time, the VREF pin is internally buffered by a high-performance amplifier.
The VREF pin has constant 5-kΩ impedance to AGND. The output range of the DAC8581 is equal to ±VREF
voltage. The VREF pin should be powered at the same time, or after the supply pins. REF3133 and REF3140 are
recommended to set the DAC8581 output range to ±3.3 V and ±4.096 V, respectively.
Output Voltage
The input data format is in twos-complement format as shown in Table 1. The DAC8581 uses a high-
performance, bipolar output buffer capable of driving a 600-
Ω, 200-pF load with fast 0.65-μs settling. The buffer
has exceptional noise performance (20 nV/
√Hz) and fast slew rate (35 V/μs). The small-signal settling time is
under 300 ns, allowing update rates up to 3 MSPS. Loads of 50
Ω or 75 Ω could be driven as long as output
current does not exceed ±25 mA continuously. Long cables, up to 1 nF in capacitance, can be driven without the
use of external buffers. To aid stability under large capacitive loads (>1 nF), a small series resistor can be used
at the output.
Table 1. Data Format
DIGITAL CODE
DAC OUTPUT
BINARY
HEX
+VREF
0111111111111111
7FFF
+VREF/2
0100000000000000
4000
0
0000000000000000
0000
–VREF/2
1011111111111111
BFFF
–VREF
1000000000000000
8000
Copyright © 2005–2012, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: DAC8581
Not Recommended For New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com