Electronic Components Datasheet Search
  English  ▼

X  

DAC8831MCDREP Datasheet(PDF) 23 Page - Texas Instruments

Part # DAC8831MCDREP
Description  16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC8831MCDREP Datasheet(HTML) 23 Page - Texas Instruments

Back Button DAC8831MCDREP Datasheet HTML 19Page - Texas Instruments DAC8831MCDREP Datasheet HTML 20Page - Texas Instruments DAC8831MCDREP Datasheet HTML 21Page - Texas Instruments DAC8831MCDREP Datasheet HTML 22Page - Texas Instruments DAC8831MCDREP Datasheet HTML 23Page - Texas Instruments DAC8831MCDREP Datasheet HTML 24Page - Texas Instruments DAC8831MCDREP Datasheet HTML 25Page - Texas Instruments DAC8831MCDREP Datasheet HTML 26Page - Texas Instruments DAC8831MCDREP Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
www.ti.com
CROSS REFERENCE
DAC8830-EP
DAC8831-EP
SGLS334C – AUGUST 2006 – REVISED APRIL 2007
The DAC8830 and DAC8831 have an industry-standard pinout configuration (see Table 3).
Table 3. Cross Reference
INL
DNL
POWER-ON
TEMPERATURE
PACKAGE
PACKAGE
CROSS
MODEL
(LSB)
(LSB)
RESET TO
RANGE
DESCRIPTION
OPTION
REFERENCE
AD5541CR,
DAC8830ICD
±1
±1
Zero-Code
–40
°C to 85°C
8-Lead Small Outline IC
SO-8
MAX541AESA
AD5541BR,
DAC8830IBD
±2
±1
Zero-Code
–40
°C to 85°C
8-Lead Small Outline IC
SO-8
MAX541BESA
AD5541AR,
DAC8830ID
±4
±1
Zero-Code
–40
°C to 85°C
8-Lead Small Outline IC
SO-8
MAX541CESA
DAC8830MCD
±1
±1
Zero-Code
–55
°C to 125°C
8-Lead Small Outline IC
SO-8
N/A
N/A
±1
±1
Zero-Code
–40
°C to 85°C
8-Lead Plastic DIP
PDIP-8
MAX541AEPA
N/A
±2
±1
Zero-Code
–40
°C to 85°C
8-Lead Plastic DIP
PDIP-8
MAX541BEPA
N/A
±4
±1
Zero-Code
–40
°C to 85°C
8-Lead Plastic DIP
PDIP-8
MAX541CEPA
N/A
±1
±1
Zero-Code
0
°C to 70°C
8-Lead Small Outline IC
SO-8
AD5541LR
N/A
±2
±1.5
Zero-Code
0
°C to 70°C
8-Lead Small Outline IC
SO-8
AD5541JR
N/A
±1
±1
Zero-Code
0
°C to 70°C
8-Lead Plastic DIP
PDIP-8
MAX541AEPA
N/A
±2
±1
Zero-Code
0
°C to 70°C
8-Lead Plastic DIP
PDIP-8
MAX541BEPA
N/A
±4
±1
Zero-Code
0
°C to 70°C
8-Lead Plastic DIP
PDIP-8
MAX541CEPA
AD5542CR,
DAC8831ICD
±1
±1
Zero-Code
–40
°C to 85°C
14-Lead Small Outline IC
SO-14
MAX542AESD
AD5542BR,
DAC8831IBD
±2
±1
Zero-Code
–40
°C to 85°C
14-Lead Small Outline IC
SO-14
MAX542BESD
AD5542AR,
DAC8831ID
±4
±1
Zero-Code
–40
°C to 85°C
14-Lead Small Outline IC
SO-14
MAX542CESD
DAC8831MCD
±1
±1
Zero-Code
–55
°C to 125°C
14-Lead Small Outline IC
SO-14
N/A
N/A
±1
±1
Zero-Code
–40
°C to 85°C
14-Lead Plastic DIP
PDIP-14
MAX542ACPD
N/A
±2
±1
Zero-Code
–40
°C to 85°C
14-Lead Plastic DIP
PDIP-14
MAX542BCPD
N/A
±4
±1
Zero-Code
–40
°C to 85°C
14-Lead Plastic DIP
PDIP-14
MAX542CCPD
N/A
±4
±1
Zero-Code
–55
°C to 125°C
14-Lead Ceramic SB
SB-14
MAX542CMJD
N/A
±1
±1
Zero-Code
0
°C to 70°C
14-Lead Small Outline IC
SO-14
AD5542LR
N/A
±2
±1.5
Zero-Code
0
°C to 70°C
14-Lead Small Outline IC
SO-14
AD5542JR
N/A
±1
±1
Zero-Code
0
°C to 70°C
14-Lead Small Outline IC
SO-14
MAX542AEPD
N/A
±2
±1
Zero-Code
0
°C to 70°C
14-Lead Small Outline IC
SO-14
MAX542BEPD
N/A
±4
±1
Zero-Code
0
°C to 70°C
14-Lead Small Outline IC
SO-14
MAX542CEPD
23
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com