Electronic Components Datasheet Search
  English  ▼

X  

DAC8831MCDREP Datasheet(PDF) 3 Page - Texas Instruments

Part # DAC8831MCDREP
Description  16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC8831MCDREP Datasheet(HTML) 3 Page - Texas Instruments

  DAC8831MCDREP Datasheet HTML 1Page - Texas Instruments DAC8831MCDREP Datasheet HTML 2Page - Texas Instruments DAC8831MCDREP Datasheet HTML 3Page - Texas Instruments DAC8831MCDREP Datasheet HTML 4Page - Texas Instruments DAC8831MCDREP Datasheet HTML 5Page - Texas Instruments DAC8831MCDREP Datasheet HTML 6Page - Texas Instruments DAC8831MCDREP Datasheet HTML 7Page - Texas Instruments DAC8831MCDREP Datasheet HTML 8Page - Texas Instruments DAC8831MCDREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
DAC8830-EP
DAC8831-EP
SGLS334C – AUGUST 2006 – REVISED APRIL 2007
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be
more susceptible to damage because small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
MINIMUM
POWER-
RELATIVE
DIFFERENTIAL
ON
SPECIFICATION
TRANSPORT
ACCURACY
NONLINEARITY
RESET
TEMPERATURE
PACKAGE
PACKAGE-
PACKAGE
(2)
ORDERING
MEDIA,
PRODUCT
(LSB)
(LSB)
VALUE
RANGE
MARKING
LEAD
DESIGNATOR
NUMBER
QUANTITY
Tape and Reel,
DAC8830MCDREP
2500
DAC8830MCD
±1
±1
Zero-Code
–55
°C to 125°C
8830M
SO-8
D
DAC8830MCDEP
Tube, 75
Tape and Reel,
DAC8831MCDREP
2500
DAC8831MCD
±1
±1
Zero-Code
–55
°C to 125°C
8831M
SO-14
D
DAC8831MCDEP
Tube, 50
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this data sheet, or see the
Texas Instruments website at www.ti.com.
(2)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
VDD to AGND
–0.3 to 7
V
Digital input voltage to DGND
–0.3 to VDD + 0.3
V
VOUT to AGND
–0.3 to VDD + 0.3
V
AGND, AGNDF, AGNDS to DGND
–0.3 to 0.3
V
Operating temperature range
–55 to 125
°C
Storage temperature range
–65 to 150
°C
Junction temperature range (TJ max)
150
°C
Power dissipation
(TJ max – TA)/ θJA
W
SO-8
149.5
°C/W
Thermal impedance,
θJA
SO-14
104.5
°C/W
Vapor phase (60 s)
215
°C
Lead temperature, soldering
Infrared (15 s)
220
°C
(1)
Stresses above those listed under absolute maximum ratings may cause permanent damage to the device. Exposure to absolute
maximum conditions for extended periods may affect device reliability.
3
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com