Electronic Components Datasheet Search
  English  ▼

X  

DAC8831MCDREP Datasheet(PDF) 9 Page - Texas Instruments

Part # DAC8831MCDREP
Description  16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC8831MCDREP Datasheet(HTML) 9 Page - Texas Instruments

Back Button DAC8831MCDREP Datasheet HTML 5Page - Texas Instruments DAC8831MCDREP Datasheet HTML 6Page - Texas Instruments DAC8831MCDREP Datasheet HTML 7Page - Texas Instruments DAC8831MCDREP Datasheet HTML 8Page - Texas Instruments DAC8831MCDREP Datasheet HTML 9Page - Texas Instruments DAC8831MCDREP Datasheet HTML 10Page - Texas Instruments DAC8831MCDREP Datasheet HTML 11Page - Texas Instruments DAC8831MCDREP Datasheet HTML 12Page - Texas Instruments DAC8831MCDREP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
www.ti.com
TIMING CHARACTERISTICS: VDD = 5 V
(1) (2)
TIMING CHARACTERISTICS: VDD = 3 V
(1) (2)
DAC8830-EP
DAC8831-EP
SGLS334C – AUGUST 2006 – REVISED APRIL 2007
At –55
°C to 125°C (unless otherwise noted)
PARAMETER
MIN
MAX
UNIT
tsck
SCLK period
20
ns
twsck
SCLK high or low time
10
ns
tDelay
Delay from SCLK high to CS low
18
ns
tLead
CS enable lead time
12
ns
tLag
CS enable lag time
15
ns
tDSCLK
Delay from CS high to SCLK high
15
ns
ttd
CS high between active period
30
ns
tsu
Data setup time (input)
10
ns
tho
Data hold time (input)
0
ns
tWLDAC
LDAC width
30
ns
tDLDAC
Delay from CS high to LDAC low
30
ns
VDD high to CS low (power-up delay)
10
μs
(1)
Specified by design. Not production tested.
(2)
Sample tested during the initial release and after any redesign or process changes that may affect this parameter.
At –55
°C to 125°C (unless otherwise noted)
PARAMETER
MIN
MAX
UNIT
tsck
SCLK period
20
ns
twsck
SCLK high or low time
10
ns
tDelay
Delay from SCLK high to CS low
18
ns
tLead
CS enable lead time
15
ns
tLag
CS enable lag time
15
ns
tDSCLK
Delay from CS high to SCLK high
15
ns
ttd
CS high between active period
30
ns
tsu
Data setup time (input)
10
ns
tho
Data hold time (input)
0
ns
tWLDAC
LDAC width
30
ns
tDLDAC
Delay from CS high to LDAC low
30
ns
VDD high to CS low (power-up delay)
10
μs
(1)
Specified by design. Not production tested.
(2)
Sample tested during the initial release and after any redesign or process changes that may affect this parameter.
9
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com