Electronic Components Datasheet Search
  English  ▼

X  

PFS704EG Datasheet(PDF) 23 Page - Power Integrations, Inc.

Part # PFS704EG
Description  High Power PFC Controller with Integrated
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

PFS704EG Datasheet(HTML) 23 Page - Power Integrations, Inc.

Back Button PFS704EG Datasheet HTML 19Page - Power Integrations, Inc. PFS704EG Datasheet HTML 20Page - Power Integrations, Inc. PFS704EG Datasheet HTML 21Page - Power Integrations, Inc. PFS704EG Datasheet HTML 22Page - Power Integrations, Inc. PFS704EG Datasheet HTML 23Page - Power Integrations, Inc. PFS704EG Datasheet HTML 24Page - Power Integrations, Inc. PFS704EG Datasheet HTML 25Page - Power Integrations, Inc. PFS704EG Datasheet HTML 26Page - Power Integrations, Inc. PFS704EG Datasheet HTML 27Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
Rev. G 06/15
23
PFS704-729EG
www.power.com
Parameter
Symbol
Conditions
SOURCE = 0 V, V
CC = 12 V,
T
C = -40 °C to 125 °C
(Note D) (Unless Otherwise Specified)
Min
Typ
Max
Units
Power MOSFET
ON-State Resistance
R
DS(ON)
PFS704
I
D = IOCP × 0.5
See Note E
T
M = 25 °C
0.61
0.72
W
T
M = 100 °C
1.16
PFS706
T
M = 25 °C
0.52
0.61
T
M = 100 °C
0.97
PFS708
T
M = 25 °C
0.41
0.48
T
M = 100 °C
0.77
PFS710
T
M = 25 °C
0.35
0.41
T
M = 100 °C
0.65
PFS712
T
M = 25 °C
0.30
0.35
T
M = 100 °C
0.55
PFS713
PFS714
T
M = 25 °C
0.26
0.31
T
M = 100 °C
0.48
PFS716
T
M = 25 °C
0.22
0.26
T
M = 100 °C
0.42
PFS723
T
M = 25 °C
0.58
0.69
T
M = 100 °C
1.10
PFS724
T
M = 25 °C
0.49
0.58
T
M = 100 °C
0.92
PFS725
T
M = 25 °C
0.39
0.46
T
M = 100 °C
0.73
PFS726
T
M = 25 °C
0.33
0.39
T
M = 100 °C
0.62
PFS727
T
M = 25 °C
0.28
0.33
T
M = 100 °C
0.52
PFS728
T
M = 25 °C
0.25
0.29
T
M = 100 °C
0.46
PFS729
T
M = 25 °C
0.21
0.25
T
M = 100 °C
0.40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com