Electronic Components Datasheet Search
  English  ▼

X  

PFS704EG Datasheet(PDF) 10 Page - Power Integrations, Inc.

Part # PFS704EG
Description  High Power PFC Controller with Integrated
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

PFS704EG Datasheet(HTML) 10 Page - Power Integrations, Inc.

Back Button PFS704EG Datasheet HTML 6Page - Power Integrations, Inc. PFS704EG Datasheet HTML 7Page - Power Integrations, Inc. PFS704EG Datasheet HTML 8Page - Power Integrations, Inc. PFS704EG Datasheet HTML 9Page - Power Integrations, Inc. PFS704EG Datasheet HTML 10Page - Power Integrations, Inc. PFS704EG Datasheet HTML 11Page - Power Integrations, Inc. PFS704EG Datasheet HTML 12Page - Power Integrations, Inc. PFS704EG Datasheet HTML 13Page - Power Integrations, Inc. PFS704EG Datasheet HTML 14Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
Rev. G 06/15
10
PFS704-729EG
www.power.com
Application Example
A High Efficiency, 347 W, 380 VDC Universal Input PFC
The circuit shown in Figure 11 is designed using a PFS714EG
device from the HiperPFS family of integrated PFC controllers.
This design is rated for a continuous output power of 347 W
and provides a regulated output voltage of 380 VDC nominal
maintaining a high input power factor and overall efficiency from
light load to full load.
Fuse F1 provides protection to the circuit and isolates it from the
AC supply in case of a fault. Diode bridge BR1 rectifies the AC
input. Capacitors C3, C4, C5, C6 and C19 together with
inductors L1, L2, L3 and L4 form the EMI filter reducing the
common mode and differential mode noise. Resistors R1, R3
and CAPZero, IC U2 are required to discharge the EMI filter
capacitors once the circuit is disconnected. CAPZero
eliminates static losses in R1 and R2 by only connecting these
components across the input when AC is removed.
The boost converter stage consists of inductor L5, diode rectifier
D2 and the HiperPFS IC U1. This converter stage works as a
boost converter and controls the input current of the power
supply while simultaneously regulating the output DC voltage.
Diode D1 prevents a resonant build up of output voltage at start-
up by bypassing inductor L5 while simultaneously charging
output capacitor C15. Thermistor RT1 limits the inrush input
current of the circuit at start-up and prevents saturation of L5.
In most high-performance designs, a relay will be used to
bypass the thermistor after start-up to improve power supply
efficiency. Therefore efficiency measurement, that represents
the high performance configuration, the thermistors should be
shorted. Capacitors C14 and C21 are used for reducing the
loop length and area of the output circuit to reduce EMI and
overshoot of voltage across the drain and source of the
MOSFET inside U1 at each switching instant.
The PFS714EG IC requires a regulated supply of 12 V for
operation and must not exceed 15 V. Resistors R6, R16, R17,
Zener diode VR1, and transistor Q3 form a shunt regulator that
prevents the supply voltage to IC U1 from exceeding 12 V.
Capacitors C8, C18 and C20 filter the supply voltage and
provide decoupling to ensure reliable operation of IC U1. Diode
D5 prevents destruction of U1 if the auxiliary input is inadvertently
connected reverse polarity.
The rectified AC input voltage of the power supply is sensed by
IC U1 using resistors R4, R5 and R19. The capacitor C12 filters
any noise on this signal.
Divider network comprising of resistors R9, R10, R11, R12, R13,
and R14 are used to scale the output voltage and provide
feedback to IC U1. The circuit comprising of diode D4,
transistor Q1, Q2 and the resistors R12 and R13 form a non-
linear feedback circuit which improves the load transient
response by improving the response time of the PFC circuit.
Resistor R7, R8, R15, and capacitors C13 and C17 are required
for shaping the loop response of the feedback network. The
combination of resistor R8 and capacitor C13 provide a low
frequency zero and the resistor R15 and capacitor C13 form a
low frequency pole.
PI-6197-111110
N
E
L
R1
220 k
Ω
RT1
10
Ω
R6
100
Ω
C8
47
µF
50 V
D5
DL4001
Q3
MMBT4401LT1G
R16
100
Ω
R17
3.01 k
Ω
1%
R2
220 k
Ω
R18
10
Ω
2 W
L4
Ferrite Bead
R4
1.5 M
Ω
1%
R19
1.5 M
Ω
1%
R5
1 M
Ω
1%
L5
1.38 mH
BR1
GBU806
600 V
D1
1N5408
D4
1N4148
D3
BAV116
130 V
D2
STTH8S06D
L1
14 mH
C6
100 nF
275 VAC
C19
1
µF
310 V
C5
680 pF
250 VAC
C7
1
µF
400 V
R13
2.21 k
Ω
1%
R7
2 k
Ω
R12
2.21 k
Ω
1%
R10
1.6 M
Ω
1%
R11
732 k
Ω
1%
R9
1.5 M
Ω
1%
R15
160 k
Ω
C17
470 pF
100 V
C21
10 nF
1 kV
C14
10 nF
1 kV
C4
680 pF
250 VAC
C3
680 nF
275 VAC
F1
6.3 A
RV1
320 VAC
D
S
FB
VCC
V
G
DC
OUT
380 VDC
Auxiliary
Power
Supply
CONTROL
HiperPFS
U1
PFS714EG
C11
10 nF
50 V
C12
100 nF
50 V
C18
1
µF
25 V
C13
4.7
µF
25 V
C20
100 nF
50 V
Q1
MMBT4401
tO
D1
CAPZero
U2
CAP006DG
D2
L2
100
µH
C16
100 nF
200 V
R14
57.6 k
Ω
1%
L3
100
µH
C15
270
µF
450 V
*Optional Component
R8
3.01 k
Ω
1%
+
+
Figure 11. 347 W PFC using PFS714EG.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com