Electronic Components Datasheet Search
  English  ▼

X  

PFS704EG Datasheet(PDF) 9 Page - Power Integrations, Inc.

Part # PFS704EG
Description  High Power PFC Controller with Integrated
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

PFS704EG Datasheet(HTML) 9 Page - Power Integrations, Inc.

Back Button PFS704EG Datasheet HTML 5Page - Power Integrations, Inc. PFS704EG Datasheet HTML 6Page - Power Integrations, Inc. PFS704EG Datasheet HTML 7Page - Power Integrations, Inc. PFS704EG Datasheet HTML 8Page - Power Integrations, Inc. PFS704EG Datasheet HTML 9Page - Power Integrations, Inc. PFS704EG Datasheet HTML 10Page - Power Integrations, Inc. PFS704EG Datasheet HTML 11Page - Power Integrations, Inc. PFS704EG Datasheet HTML 12Page - Power Integrations, Inc. PFS704EG Datasheet HTML 13Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
Rev. G 06/15
9
PFS704-729EG
www.power.com
Output Power Table1
Product
Maximum Continuous
Output Power Rating at
90 VAC2
Peak Output Power
Rating at 90 VAC5
Minimum3
Maximum
PFS704EG
85 W
110 W
120 W
PFS706EG
105 W
140 W
150 W
PFS708EG
140 W
190 W
205 W
PFS710EG
180 W
240 W
260 W
PFS712EG
225 W
300 W
320 W
PFS713EG
225 W
300 W
320 W
PFS714EG
265 W
350 W
385 W
PFS716EG
295 W
388 W
425 W
Product
Maximum Continuous
Output Power Rating at
180 VAC4
Peak Output Power
Rating at 180 VAC5
PFS723EG
255 W
280 W
PFS724EG
315 W
350 W
PFS725EG
435 W
480 W
PFS726EG
540 W
600 W
PFS727EG
675 W
750 W
PFS728EG
810 W
900 W
PFS729EG
900 W
1000 W
Table 2. Output Power Table.
Notes:
1. See Design, Assembly, and Layout Considerations section.
2. Maximum practical continuous power at 90 VAC in an open-frame design with adequate heat sinking, measured at 50 °C ambient.
3. Recommended lower range of maximum continuous power for
best light load efficiency; HiperPFS will operate and perform below this level.
4. Maximum practical continuous power at 180 VAC in an open-frame design with adequate heat sinking, measured at 50 °C ambient.
5. Internal output power limit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com