Electronic Components Datasheet Search
  English  ▼

X  

DSD1796 Datasheet(PDF) 34 Page - Texas Instruments

Part # DSD1796
Description  24-BIT, 192-kHz SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DSD1796 Datasheet(HTML) 34 Page - Texas Instruments

Back Button DSD1796 Datasheet HTML 30Page - Texas Instruments DSD1796 Datasheet HTML 31Page - Texas Instruments DSD1796 Datasheet HTML 32Page - Texas Instruments DSD1796 Datasheet HTML 33Page - Texas Instruments DSD1796 Datasheet HTML 34Page - Texas Instruments DSD1796 Datasheet HTML 35Page - Texas Instruments DSD1796 Datasheet HTML 36Page - Texas Instruments DSD1796 Datasheet HTML 37Page - Texas Instruments DSD1796 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 63 page
background image
DSD1796
SLES101A – DECEMBER 2003 – REVISED NOVEMBER 2006
www.ti.com
34
Application for Interfacing With an External Digital Filter
For some applications, it may be desirable to use an external digital filter to perform the interpolation function, as it can
provide improved stop-band attenuation when compared to the internal digital filter of the DSD1796.
The DSD1796 supports several external digital filters, including:
D Texas Instruments DF1704 and DF1706
D Pacific Microsonics PMD200 HDCD filter/decoder IC
D Programmable digital signal processors
The external digital filter application mode is accessed by programming the following bit in the corresponding control
register:
D DFTH = 1 (register 20)
The pins used to provide the serial interface for the external digital filter are shown in the connection diagram of Figure 35.
The word clock (WDCK) signal must be operated at 8
× or 4× the desired sampling frequency, fS.
Pin Assignment When Using the External Digital Filter Interface
D PLRCK (pin 4): WDCK as word clock input
D PBCK (pin 6): BCK as bit clock for audio data
D PDATA (pin 5): DATA as monaural audio data input when the DFMS bit is not set to 1
D DSDL (pin 1): DATAL as L-channel audio data input when the DFMS bit is set to 1
D DSDR (pin 2): DATAR as R-channel audio data input when the DFMS bit is set to 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com