Electronic Components Datasheet Search
  English  ▼

X  

DSD1796 Datasheet(PDF) 45 Page - Texas Instruments

Part # DSD1796
Description  24-BIT, 192-kHz SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DSD1796 Datasheet(HTML) 45 Page - Texas Instruments

Back Button DSD1796 Datasheet HTML 41Page - Texas Instruments DSD1796 Datasheet HTML 42Page - Texas Instruments DSD1796 Datasheet HTML 43Page - Texas Instruments DSD1796 Datasheet HTML 44Page - Texas Instruments DSD1796 Datasheet HTML 45Page - Texas Instruments DSD1796 Datasheet HTML 46Page - Texas Instruments DSD1796 Datasheet HTML 47Page - Texas Instruments DSD1796 Datasheet HTML 48Page - Texas Instruments DSD1796 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 63 page
background image
DSD1796
SLES101A – DECEMBER 2003 – REVISED NOVEMBER 2006
www.ti.com
45
58 BCKs
Command Field
DID
LRCK
BCK
DI
DCO1
DCI2
DCO2
DCI3
DCO29
DCI30
Device ID = 1
Device ID = 2
Device ID = 3
Device ID = 30
DCO1
•
•
•
•
•
•
Figure 52. Device ID Determination Sequence
TDMCA Frame
In general, the TDMCA frame consists of the command field, extended command (EMD) field, and audio data fields. All
of them are 32 bits in length, but the lowest byte has no meaning. The MSB is transferred first for each field. The command
field is always transferred as the first packet of the frame. The EMD field is transferred if the EMD flag of the command field
is HIGH. If any EMD packets are transferred, no audio data follows the EMD packets. This frame is for quick system
initialization. All devices of a daisy chain should respond to the command field and extended command field. The DSD1796
has two audio channels that can be selected by OPE (register 19). If the OPE bit is not set HIGH, those audio channels
are transferred. Figure 53 shows the general TDMCA frame. If some DACs are enabled, but corresponding audio data
packets are not transferred, the analog outputs are unpredictable.
LRCK
BCK
DI
CMD
EMD
EMD
EMD
CMD
Don’t
Care
EMD
EMD
DO
Ch1
Ch(m)
Ch2
CMD
CMD
Ch2
Ch3
Ch(n)
CMD
Ch1
Ch4
DI
Ch3
Ch4
[For Initialization]
[For Operation]
32 Bits
DO
CMD
CMD
CMD
CMD
CMD
CMD
1/fS
Don’t
Care
Figure 53. General TDMCA Frame



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com