Electronic Components Datasheet Search
  English  ▼

X  

DSD1796 Datasheet(PDF) 46 Page - Texas Instruments

Part # DSD1796
Description  24-BIT, 192-kHz SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DSD1796 Datasheet(HTML) 46 Page - Texas Instruments

Back Button DSD1796 Datasheet HTML 42Page - Texas Instruments DSD1796 Datasheet HTML 43Page - Texas Instruments DSD1796 Datasheet HTML 44Page - Texas Instruments DSD1796 Datasheet HTML 45Page - Texas Instruments DSD1796 Datasheet HTML 46Page - Texas Instruments DSD1796 Datasheet HTML 47Page - Texas Instruments DSD1796 Datasheet HTML 48Page - Texas Instruments DSD1796 Datasheet HTML 49Page - Texas Instruments DSD1796 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 63 page
background image
DSD1796
SLES101A – DECEMBER 2003 – REVISED NOVEMBER 2006
www.ti.com
46
LRCK
BCK
DI
CMD
Don’t
Care
Ch1
CMD
CMD
Ch2
Ch3
Ch1
Ch4
IN and OUT Channel Orders are Completely Independent
DO
7 Packets
× 32 Bits
Ch5
Ch6
1/fS (256 BCK Clocks)
Ch2
Figure 54. TDMCA Frame Example of 6-Ch DAC and 2-Ch ADC With Command Read
Command Field
The normal command field is defined as follows. When the DID bit (MSB) is 1, this frame is used only for device ID
determination, and all remaining bits in the field are ignored.
31
30
29
28
24
23
22
16
15
8
7
0
Command
DID
EMD
DCS
Device ID
R/W
Register ID
Data
Not Used
Bit 31: Device ID enable flag
The DSD1796 operates to get its own device ID for TDMCA initialization if this bit is HIGH.
Bit 30: Extended command enable flag
EMD packet is transferred if this bit is HIGH, otherwise skipped. Once this bit is HIGH, this frame does not contain any audio
data. This is for system initialization.
Bit 29: Daisy chain selection flag
HIGH designates OUT-chain devices, LOW designates IN-chain devices. The DSD1796 is an IN device, so the DCS bit
must be set to LOW.
Bits[28:24]: Device ID.
The device ID is 5 bits length, and it can be defined.These bits identify the order of a device in the IN or OUT daisy chain.
The top of the daisy chain defines device ID 1 and successive devices are numbered 2, 3, 4, etc. All devices for which the
DCI is fixed HIGH are also defined as ID 1. The maximum device ID is 30 each in the IN and OUT chains. If a device ID
of 0x1F is used, all devices are selected as broadcast when in the write mode. If a device ID of 0x00 is used, no device
is selected.
Bit 23: Command Read/Write flag
If this bit is HIGH, the command is a read operation.
Bits[22:16]: Register ID
It is 7 bits in length.
Bits[15:8]: Command data
It is 8 bits in length. Any valid data can be chosen for each register.
Bits[7:0]: Not used
These bits are never transported when a read operation is performed.
Extended command field
The extended command field is the same as the command field, except that it does not have a DID flag.
31
30
29
28
24
23
22
16
15
8
7
0
Extended Command
Rsvd
EMD
DCS
Device ID
R/W
Register ID
Data
Not Used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com