Electronic Components Datasheet Search
  English  ▼

X  

ESD1LIN24 Datasheet(PDF) 2 Page - Texas Instruments

Part # ESD1LIN24
Description  ESD1LIN24 24-V, 1-Channel ESD Protection Diode
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ESD1LIN24 Datasheet(HTML) 2 Page - Texas Instruments

  ESD1LIN24 Datasheet HTML 1Page - Texas Instruments ESD1LIN24 Datasheet HTML 2Page - Texas Instruments ESD1LIN24 Datasheet HTML 3Page - Texas Instruments ESD1LIN24 Datasheet HTML 4Page - Texas Instruments ESD1LIN24 Datasheet HTML 5Page - Texas Instruments ESD1LIN24 Datasheet HTML 6Page - Texas Instruments ESD1LIN24 Datasheet HTML 7Page - Texas Instruments ESD1LIN24 Datasheet HTML 8Page - Texas Instruments ESD1LIN24 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Pin Configuration and Functions...................................3
6 Specifications.................................................................. 4
6.1 Absolute Maximum Ratings........................................ 4
6.2 ESD Ratings—JEDEC Specification...........................4
6.3 ESD Ratings—IEC Specification................................ 4
6.4 Recommended Operating Conditions.........................4
6.5 Thermal Information....................................................4
6.6 Electrical Characteristics.............................................5
7 Typical Characteristics – ESD1LIN24............................ 6
8 Detailed Description........................................................7
8.1 Overview..................................................................... 7
8.2 Functional Block Diagram........................................... 7
8.3 Feature Description.....................................................7
8.4 Device Functional Modes............................................7
9 Application and Implementation.................................... 8
9.1 Application Information............................................... 8
9.2 Typical Application...................................................... 8
10 Power Supply Recommendations................................9
11 Layout............................................................................. 9
11.1 Layout Guidelines..................................................... 9
11.2 Layout Example...................................................... 10
12 Device and Documentation Support..........................11
12.1 Documentation Support.......................................... 11
12.2 Receiving Notification of Documentation Updates.. 11
12.3 Support Resources................................................. 11
12.4 Trademarks............................................................. 11
12.5 Electrostatic Discharge Caution.............................. 11
12.6 Glossary.................................................................. 11
13 Mechanical, Packaging, and Orderable
Information.................................................................... 11
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision * (November 2022) to Revision A (December 2022)
Page
• Changed the status of the data sheet from: Advanced Information to: Production Data ...................................1
ESD1LIN24
SLVSH11A – NOVEMBER 2022 – REVISED DECEMBER 2022
www.ti.com
2
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: ESD1LIN24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com