Electronic Components Datasheet Search
  English  ▼

X  

ESD1LIN24 Datasheet(PDF) 7 Page - Texas Instruments

Part # ESD1LIN24
Description  ESD1LIN24 24-V, 1-Channel ESD Protection Diode
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ESD1LIN24 Datasheet(HTML) 7 Page - Texas Instruments

Back Button ESD1LIN24 Datasheet HTML 3Page - Texas Instruments ESD1LIN24 Datasheet HTML 4Page - Texas Instruments ESD1LIN24 Datasheet HTML 5Page - Texas Instruments ESD1LIN24 Datasheet HTML 6Page - Texas Instruments ESD1LIN24 Datasheet HTML 7Page - Texas Instruments ESD1LIN24 Datasheet HTML 8Page - Texas Instruments ESD1LIN24 Datasheet HTML 9Page - Texas Instruments ESD1LIN24 Datasheet HTML 10Page - Texas Instruments ESD1LIN24 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
8 Detailed Description
8.1 Overview
The ESD1LIN24 is a single-channel bidirectional ESD diode. This device can dissipate ESD strikes above the
maximum level specified by the IEC 61000-4-2 standard. The low capacitance between the I/O pins make this
device suitable for slower speed signals such as LIN, USB-PD, or industrial I/O applications. The surge current
capability is suitable for VBUS protection or industrial I/Os requiring 4.3 A of surge current protection.
8.2 Functional Block Diagram
1
2
8.3 Feature Description
This clamping device has a small dynamic resistance, which makes the clamping voltage low when the device
is actively protecting other circuits. The breakdown is bidirectional so these protection devices are a good fit for
applications requiring postive and negative polarity protection. Low leakage allows the diode to conserve power
when working below the VRWM. The temperature range of −55°C to +150°C makes this device work at extensive
temperatures in most environments. The leaded SOD-323 package is good for applications requiring autmotic
optical inspection (AOI).
8.3.1 IO Capacitance
The capacitance between the I/O pins is 2.3 pF. The capacitance of this device can support data rates up to 1
Gbps.
8.3.2 IEC 61000-4-5 Surge Protection
The I/O pins of this device have a surge rating of 4.3 A (8/20 µs waveform).
8.4 Device Functional Modes
The ESD1LIN24 is a single channel passive clamp that has low leakage during normal operation when the
voltage between I/O and GND is below VRWM, and activate when the voltage between I/O and GND goes above
VBR. During ESD events, transient voltages up to ±30 kV can be clamped on either channel. When the voltages
on the protected lines fall below the VHOLD, the device reverts back to the low leakage passive state.
www.ti.com
ESD1LIN24
SLVSH11A – NOVEMBER 2022 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: ESD1LIN24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com