Electronic Components Datasheet Search
  English  ▼

X  

ESD1LIN24 Datasheet(PDF) 1 Page - Texas Instruments

Part # ESD1LIN24
Description  ESD1LIN24 24-V, 1-Channel ESD Protection Diode
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ESD1LIN24 Datasheet(HTML) 1 Page - Texas Instruments

  ESD1LIN24 Datasheet HTML 1Page - Texas Instruments ESD1LIN24 Datasheet HTML 2Page - Texas Instruments ESD1LIN24 Datasheet HTML 3Page - Texas Instruments ESD1LIN24 Datasheet HTML 4Page - Texas Instruments ESD1LIN24 Datasheet HTML 5Page - Texas Instruments ESD1LIN24 Datasheet HTML 6Page - Texas Instruments ESD1LIN24 Datasheet HTML 7Page - Texas Instruments ESD1LIN24 Datasheet HTML 8Page - Texas Instruments ESD1LIN24 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
ESD1LIN24 24-V, 1-Channel ESD Protection Diode
1 Features
• IEC 61000-4-2 level 4 ESD protection:
– ±30-kV contact discharge
– ±30-kV air-gap discharge
• Robust surge protection:
– IEC 61000-4-5 (8/20 µs): 4.3 A
• 24-V working voltage
• Bidirectional ESD protection
• Low clamping voltage protects downstream
components
• Temperature range: –55°C to +150°C
• I/O capacitance = 2.3 pF (typical)
• Offered in industry standard package: SOD-323
(DYF)
• Leaded packages used for automatic optical
inspection (AOI)
2 Applications
• USB power delivery (USB-PD)
– VBUS protection
– IO protection
• Industrial control networks:
– Local interconnect network (LIN)
– Single line CAN ESD protection
– DeviceNet
– Smart distribution systems
3 Description
The ESD1LIN24 is a single-channel low capacitance
bidirectional
ESD
protection
device
for
local
interconnect network (LIN). This device is rated to
dissipate contact ESD strikes beyond the maximum
level specified in the IEC 61000-4-2 international
standard (±30-kV Contact, ±30-kV Airgap). The
low dynamic resistance and low clamping voltage
help protect systems against transient events. This
protection is key in safety systems that require a high
level of robustness and reliability.
Package Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
ESD1LIN24
DYF (SOD-323, 2)
2.50 mm × 1.20 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
LIN
Connector
ESD1LIN24
LIN
Transceiver
LIN
VSUP
GND
1
2
Application
(for example,
MCU I/O)
RXD
TXD
1 k
VBAT
VSUP
Typical Application
ESD1LIN24
SLVSH11A – NOVEMBER 2022 – REVISED DECEMBER 2022
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - ESD1LIN24

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ESD1LIN24 TI-ESD1LIN24 Datasheet
682Kb / 16P
ESD1LIN24 24-V, 1-Channel ESD Protection Diode
REVISED DECEMBER 2022
ESD1LIN24 TI-ESD1LIN24 Datasheet
1Mb / 27P
ESD1LIN24-Q1, ESD751-Q1, and ESD761-Q1 Automotive 24-V, 1-Channel ESD Protection Diodes for In-Vehicle Networks
REVISED DECEMBER 2022
ESD1LIN24-Q1 TI-ESD1LIN24-Q1 Datasheet
1Mb / 26P
ESD1LIN24-Q1, ESD751-Q1, and ESD761-Q1 Automotive 24-V, 1-Channel ESD Protection Diodes for In-Vehicle Networks
REVISED SEPTEMBER 2022
ESD1LIN24-Q1 TI-ESD1LIN24-Q1 Datasheet
1Mb / 25P
ESD1LIN24-Q1, ESD751-Q1, and ESD761-Q1 Automotive 24-V, 1-Channel ESD Protection Diodes for In-Vehicle Networks
REVISED NOVEMBER 2022
ESD1LIN24-Q1 TI-ESD1LIN24-Q1 Datasheet
682Kb / 16P
ESD1LIN24 24-V, 1-Channel ESD Protection Diode
REVISED DECEMBER 2022
More results

Similar Description - ESD1LIN24

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1242-33CP ONSEMI-CM1242-33CP_12 Datasheet
85Kb / 4P
1-Channel ESD Protection
January, 2012 ??Rev. 6
logo
Texas Instruments
ESD401 TI1-ESD401 Datasheet
1Mb / 17P
1-Channel ESD Protection Diode With Robust IEC ESD Performance
ESD1LIN24-Q1 TI-ESD1LIN24-Q1 Datasheet
1Mb / 26P
ESD1LIN24-Q1, ESD751-Q1, and ESD761-Q1 Automotive 24-V, 1-Channel ESD Protection Diodes for In-Vehicle Networks
REVISED SEPTEMBER 2022
ESD1LIN24-Q1 TI-ESD1LIN24-Q1_V01 Datasheet
1Mb / 25P
ESD1LIN24-Q1, ESD751-Q1, and ESD761-Q1 Automotive 24-V, 1-Channel ESD Protection Diodes for In-Vehicle Networks
REVISED NOVEMBER 2022
ESD2CANFD24 TI-ESD2CANFD24 Datasheet
1Mb / 14P
ESD2CANFD24 24-V, 2-Channel ESD Protection Diode for In-Vehicle Networks
NOVEMBER 2022
ESD751 TI-ESD751 Datasheet
957Kb / 19P
ESD751 and ESD761 24-V 1-Channel ESD Protection Diodes
REVISED DECEMBER 2022
ESD751 TI-ESD751_V01 Datasheet
1Mb / 24P
ESD751 and ESD761 24-V 1-Channel ESD Protection Diodes
REVISED DECEMBER 2022
ESD1LIN24-Q1 TI-ESD1LIN24-Q1_V02 Datasheet
1Mb / 27P
ESD1LIN24-Q1, ESD751-Q1, and ESD761-Q1 Automotive 24-V, 1-Channel ESD Protection Diodes for In-Vehicle Networks
REVISED DECEMBER 2022
ESD1LIN24 TI-ESD1LIN24 Datasheet
682Kb / 16P
ESD1LIN24 24-V, 1-Channel ESD Protection Diode
REVISED DECEMBER 2022
ESD852 TI1-ESD852 Datasheet
979Kb / 17P
ESD8x2 2-Channel, 36 V ESD Protection Diode
NOVEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com