Electronic Components Datasheet Search
  English  ▼

X  

ISO7420FE Datasheet(PDF) 20 Page - Texas Instruments

Part # ISO7420FE
Description  ISO742x Low-Power Dual Channel Digital Isolators
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7420FE Datasheet(HTML) 20 Page - Texas Instruments

Back Button ISO7420FE Datasheet HTML 16Page - Texas Instruments ISO7420FE Datasheet HTML 17Page - Texas Instruments ISO7420FE Datasheet HTML 18Page - Texas Instruments ISO7420FE Datasheet HTML 19Page - Texas Instruments ISO7420FE Datasheet HTML 20Page - Texas Instruments ISO7420FE Datasheet HTML 21Page - Texas Instruments ISO7420FE Datasheet HTML 22Page - Texas Instruments ISO7420FE Datasheet HTML 23Page - Texas Instruments ISO7420FE Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
IN
1 MW
500 W
ISO742xFx Input
VCCI
OUT
8 W
13 W
Output
VCCO
VCCI
IN
1 MW
500 W
ISO742xE Input
VCCI
VCCI
VCCI
ISO7420E, ISO7420FE, ISO7421E, ISO7421FE
SLLSE45F – DECEMBER 2010 – REVISED JULY 2015
www.ti.com
8.4 Device Functional Modes
Table 2. Functional Table(1)
OUTPUT
INPUT
OUTA, OUTB
VCCI
VCCO
INA, INB
ISO7420E / ISO7421E
ISO7420FE / ISO7421FE
H
H
H
PU
PU
L
L
L
Open
H(2)
L(3)
PD
PU
X
H(2)
L(3)
X
PD
X
Undetermined
Undetermined
(1)
VCCI = Input-side VCC; VCCO = Output-side VCC; PU = Powered up (VCC ≥ 3 V); PD = Powered down (VCC ≤ 2.1 V); X = Irrelevant; H =
High level; L = Low level;
(2)
In fail-safe condition, output defaults to high level
(3)
In fail-safe condition, output defaults to low level
8.4.1 Device I/O Schematic
Figure 22. Device I/O Schematics
20
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: ISO7420E ISO7420FE ISO7421E ISO7421FE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com