Electronic Components Datasheet Search
  English  ▼

X  

ISO7420FE Datasheet(PDF) 7 Page - Texas Instruments

Part # ISO7420FE
Description  ISO742x Low-Power Dual Channel Digital Isolators
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7420FE Datasheet(HTML) 7 Page - Texas Instruments

Back Button ISO7420FE Datasheet HTML 3Page - Texas Instruments ISO7420FE Datasheet HTML 4Page - Texas Instruments ISO7420FE Datasheet HTML 5Page - Texas Instruments ISO7420FE Datasheet HTML 6Page - Texas Instruments ISO7420FE Datasheet HTML 7Page - Texas Instruments ISO7420FE Datasheet HTML 8Page - Texas Instruments ISO7420FE Datasheet HTML 9Page - Texas Instruments ISO7420FE Datasheet HTML 10Page - Texas Instruments ISO7420FE Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
ISO7420E, ISO7420FE, ISO7421E, ISO7421FE
www.ti.com
SLLSE45F – DECEMBER 2010 – REVISED JULY 2015
6.6 Electrical Characteristics: VCC1 = 5 V ± 10%, VCC2 = 3.3 V ± 10%
TA = –40°C to 125°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IOH = –4 mA;
ISO7421x (5-V side)
VCC1 – 0.8
4.6
see Figure 16.
ISO7420x/7421x (3.3-V side)
VCC2 - 0.4
3
VOH
High-level output voltage
V
IOH = –20 μA;
ISO7421x (5-V side)
VCC1 – 0.1
5
see Figure 16,
ISO7420x/7421x (3.3-V side)
VCC2 – 0.1
3.3
IOL = 4 mA; see Figure 16.
0.2
0.4
VOL
Low-level output voltage
V
IOL = 20 μA; see Figure 16.
0
0.1
VI(HYS)
Input threshold voltage hysteresis
400
mV
IIH
High-level input current
10
μA
INx at 0 V or VCCI
IIL
Low-level input current
–10
μA
CMTI
Common-mode transient immunity
VI = VCCI or 0 V; see Figure 18.
25
50
kV/
μs
SUPPLY CURRENT (ALL INPUTS SWITCHING WITH SQUARE WAVE CLOCK SIGNAL FOR DYNAMIC ICC MEASUREMENT)
ISO7420x
ICC1
0.4
0.8
DC Input: VI = VCCI or 0 V,
DC to 1 Mbps
AC Input: CL = 15 pF
ICC2
2.6
3.7
ICC1
0.6
1
10 Mbps
ICC2
3.3
4.3
Supply current for VCC1 and VCC2
mA
ICC1
1
1.5
25 Mbps
CL = 15 pF
ICC2
4.4
5.6
ICC1
1.7
2.5
50 Mbps
ICC2
6.2
7.5
ISO7421x
ICC1
2.3
3.6
DC Input: VI = VCCI or 0 V,
DC to 1 Mbps
AC Input: CL = 15 pF
ICC2
1.8
2.8
ICC1
2.9
4.5
10 Mbps
ICC2
2.2
3.2
Supply current for VCC1 and VCC2
mA
ICC1
4.3
6
25 Mbps
CL = 15 pF
ICC2
2.8
4.1
ICC1
6
8.5
50 Mbps
ICC2
3.8
5.5
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: ISO7420E ISO7420FE ISO7421E ISO7421FE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com