Electronic Components Datasheet Search
  English  ▼

X  

ISO7420FE Datasheet(PDF) 13 Page - Texas Instruments

Part # ISO7420FE
Description  ISO742x Low-Power Dual Channel Digital Isolators
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7420FE Datasheet(HTML) 13 Page - Texas Instruments

Back Button ISO7420FE Datasheet HTML 9Page - Texas Instruments ISO7420FE Datasheet HTML 10Page - Texas Instruments ISO7420FE Datasheet HTML 11Page - Texas Instruments ISO7420FE Datasheet HTML 12Page - Texas Instruments ISO7420FE Datasheet HTML 13Page - Texas Instruments ISO7420FE Datasheet HTML 14Page - Texas Instruments ISO7420FE Datasheet HTML 15Page - Texas Instruments ISO7420FE Datasheet HTML 16Page - Texas Instruments ISO7420FE Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
0
1
2
3
4
5
6
-80
-70
-60
-50
-40
-30
-20
-10
0
I
- High-Level Output Current - mA
OH
Output V
= 3.3 V
CC
T = 25°C
A
Output V
= 5 V
CC
FS+
FS-
-50
-25
0
25
50
75
100
125
150
T - Free-Air Temperature - °C
A
2.4
2.45
2.5
2.55
2.6
2.65
2.7
-50
-25
0
25
50
75
100
125
150
T - Free-Air Temperature - °C
A
7.5
8
8.5
9
9.5
10
10.5
tPLH
tPHL
V
= V
= 3.3 V,
C = 15 pF
CC1
CC2
L
-50
-25
0
25
50
75
100
125
150
T - Free-Air Temperature - °C
A
6
6.5
7
7.5
8
tPLH
tPHL
V
= V
= 5 V,
C = 15 pF
CC1
CC2
L
0
20
40
60
80
100
120
Data Rate - Mbps
0
1
2
3
4
5
6
8
9
10
7
I
and
CC1
I
at 5 V
CC2
I
and
CC1
I
at 3.3 V
CC2
T = 25 C
C
A
o
L15 pF
0
20
40
60
80
100
120
Data Rate - Mbps
0
1
2
3
4
5
6
7
I
and
CC1
I
at 5 V
CC2
I
and
CC1
I
at 3.3 V
CC2
T = 25 C
C
A
o
15 pF
L
ISO7420E, ISO7420FE, ISO7421E, ISO7421FE
www.ti.com
SLLSE45F – DECEMBER 2010 – REVISED JULY 2015
Typical Characteristics (continued)
Figure 7. ISO7421 Supply Current Per Channel vs Data Rate
Figure 8. ISO7421 Supply Current Both Channels vs Data
(15 pF Load)
Rate (15 pF Load)
Figure 9. Propagation Delay Time vs Free-Air Temperature
Figure 10. Propagation Delay Time vs Free-Air Temperature
Figure 11. Input VCC Fail-Safe Voltage Threshold vs Free-Air
Figure 12. High-Level Output Voltage vs High-Level Output
Temperature
Current
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: ISO7420E ISO7420FE ISO7421E ISO7421FE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com