Electronic Components Datasheet Search
  English  ▼

X  

ISO7140FCC Datasheet(PDF) 21 Page - Texas Instruments

Part # ISO7140FCC
Description  ISO71xxCC 4242-VPK Small-Footprint Low-Power Triple and Quad Channels Digital Isolators
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7140FCC Datasheet(HTML) 21 Page - Texas Instruments

Back Button ISO7140FCC Datasheet HTML 17Page - Texas Instruments ISO7140FCC Datasheet HTML 18Page - Texas Instruments ISO7140FCC Datasheet HTML 19Page - Texas Instruments ISO7140FCC Datasheet HTML 20Page - Texas Instruments ISO7140FCC Datasheet HTML 21Page - Texas Instruments ISO7140FCC Datasheet HTML 22Page - Texas Instruments ISO7140FCC Datasheet HTML 23Page - Texas Instruments ISO7140FCC Datasheet HTML 24Page - Texas Instruments ISO7140FCC Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
14
13
INA
OUTD
3
4
5
6
0.1 F
EN1
EN2
7
10
INB
12
11
OUTC
IND
INC
DVDD
DGND
2
GAIN1
24
25
26
GAIN0
SPEED
PWDN
AIN3+
AIN3-
AIN4+
A0
A1
AIN1+
AIN1-
AIN2+
SCLK
DOUT
REF+
REF-
AIN4-
1
VCC1
16
V CC2
2 , 8
9, 15
GND1
GND2
23
20
19
28
8
7
27
0.1 F
P 3.1
P 3.0
CLK
SOMI
13
11
12
14
4
2
MSP430
F2132
DVss
DVcc
0 .1 F
14
13
OUTD
3
4
5
6
0.1 F
NC
EN
7
10
12
11
OUTC
IND
INC
1
VCC1
16
V CC2
2 , 8
9, 15
GND1
GND2
0.1 F
ISO7140
ISO7141
5 VISO
5 VISO
3.3 V
3.3 V
P3.7
P3.6
18
17
3.3 V
22
AVDD
AGND
21
5VISO
0.1 F
AIN2-
13
14
17
16
15
11
12
18
INA
INB
OUTB
OUTA
OUTA
OUTB
1
0 .1 F
0 .1 F
5 VISO
5 VISO
Thermo
couple
Current
shunt
RTD
Bridge
XOUT
XIN
5
6
P 3.4
15
P3.5
16
ADS1234
ISO-BARRIER
ISO7131CC, ISO7140CC, ISO7140FCC, ISO7141CC, ISO7141FCC
www.ti.com
SLLSE83F – APRIL 2013 – REVISED JANUARY 2015
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
ISO71xx use single-ended TTL-logic switching technology. Its supply voltage range is from 3 V to 5.5 V for both
supplies, VCC1 and VCC2. When designing with digital isolators, it is important to note that due to the single-ended
design structure, digital isolators do not conform to any specific interface standard and are only intended for
isolating single-ended CMOS or TTL digital signal lines. The isolator is typically placed between the data
controller (that is,
μC or UART), and a data converter or a line transceiver, regardless of the interface type or
standard.
9.2 Typical Applications
9.2.1 Isolated Data Acquisition System for Process Control
ISO71xx combined with TI's precision analog-to-digital converter and mixed signal micro-controller can create an
advanced isolated data acquisition system as shown in Figure 17.
Figure 17. Isolated Data Acquisition System for Process Control
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: ISO7131CC ISO7140CC ISO7140FCC ISO7141CC ISO7141FCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com