Electronic Components Datasheet Search
  English  ▼

X  

ISO7140FCC Datasheet(PDF) 1 Page - Texas Instruments

Part # ISO7140FCC
Description  ISO71xxCC 4242-VPK Small-Footprint Low-Power Triple and Quad Channels Digital Isolators
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7140FCC Datasheet(HTML) 1 Page - Texas Instruments

  ISO7140FCC Datasheet HTML 1Page - Texas Instruments ISO7140FCC Datasheet HTML 2Page - Texas Instruments ISO7140FCC Datasheet HTML 3Page - Texas Instruments ISO7140FCC Datasheet HTML 4Page - Texas Instruments ISO7140FCC Datasheet HTML 5Page - Texas Instruments ISO7140FCC Datasheet HTML 6Page - Texas Instruments ISO7140FCC Datasheet HTML 7Page - Texas Instruments ISO7140FCC Datasheet HTML 8Page - Texas Instruments ISO7140FCC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
OUTx
GND2
GND1
INx
VCCO
VCCI
Isolation
Capacitor
ENx
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
ISO7131CC, ISO7140CC, ISO7140FCC, ISO7141CC, ISO7141FCC
SLLSE83F – APRIL 2013 – REVISED JANUARY 2015
ISO71xxCC 4242-VPK Small-Footprint Low-Power Triple and Quad Channels Digital
Isolators
1 Features
3 Description
ISO7131, ISO7140, and ISO7141 devices provide
1
•
Maximum Signaling Rate: 50 Mbps (With 5-V
galvanic isolation up to 2500 VRMS for 1 minute per
Supplies)
UL and 4242 VPK per VDE. ISO7131 has three
•
Robust Design With Integrated Noise Filter
channels with two forward and one reverse-direction
•
Default Output Low Option (Suffix F)
channels. ISO7140 and ISO7141 are quad-channel
isolators;
ISO7140
has
four
forward
channels,
•
Low Power Consumption, Typical ICC per Channel
ISO7141 has three forward and one reverse-direction
(With 3.3-V Supplies):
channels. These devices are capable of 50-Mbps
–
ISO7131: 1.5 mA at 1 Mbps,
maximum data rate with 5-V supplies and 40-Mbps
2.6 mA at 25 Mbps
maximum data rate with 3.3-V or 2.7-V supplies, with
integrated filters on the inputs for noise-prone
–
ISO7140: 1 mA at 1 Mbps,
applications. The suffix F indicates that default output
2.3 mA at 25 Mbps
state is low; otherwise, the default output state is high
–
ISO7141: 1.3 mA at 1 Mbps,
(see Table 3).
2.6 mA at 25 Mbps
Each isolation channel has a logic input and output
•
Low Propagation Delay: 23-ns Typical
buffer separated by a silicon dioxide (SiO2) insulation
(3.3-V Supplies)
barrier. Used with isolated power supplies, these
•
Wide Temperature Range: –40°C to 125°C
devices prevent noise currents on a data bus or other
•
50-kV/µs Transient Immunity, Typical
circuits from entering the local ground and interfering
with or damaging sensitive circuitry. The devices
•
Long Life With SiO2 Isolation Barrier
have TTL input thresholds and can operate from 2.7-
•
Operates from 2.7-V, 3.3-V, and 5-V Supply and
V, 3.3-V, and 5-V supplies. All inputs are 5-V tolerant
Logic Levels
when supplied from a 2.7-V or 3.3-V supply.
•
Small QSOP-16 Package
Device Information(1)
•
Safety and Regulatory Approvals
PART NUMBER
PACKAGE
BODY SIZE (NOM)
–
2500-VRMS Isolation for 1 minute per UL 1577
ISO7131CC
–
4242-VPK Isolation per DIN V VDE V 0884-10
ISO7140CC
(VDE V 0884-10):2006-12, 566 VPK Working
ISO7140FCC
SSOP (16)
4.90 mm × 3.90 mm
Voltage
ISO7141CC
–
CSA Component Acceptance Notice 5A, IEC
ISO7141FCC
60950-1 and IEC 61010-1 End Equipment
Standards
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
–
CQC Certification per GB 4943.1-2011
Simplified Schematic
2 Applications
•
General-Purpose Isolation
–
Industrial Fieldbus
–
Profibus
–
Modbus™
–
DeviceNet Data Buses
–
RS-232, RS-485
–
Serial Peripheral Interface
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - ISO7140FCC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7140FCC TI1-ISO7140FCC Datasheet
546Kb / 22P
4242-VPK Small-Footprint and Low-Power Triple and Quad Channels Digital Isolators
ISO7140FCC TI1-ISO7140FCC Datasheet
488Kb / 22P
4242-VPK Small-Footprint and Low-Power Triple and Quad Channels Digital Isolators
ISO7140FCC TI-ISO7140FCC Datasheet
415Kb / 22P
4242-VPK Small-Footprint and Low-Power Triple and Quad Channels Digital Isolators
ISO7140FCC TI-ISO7140FCC Datasheet
415Kb / 22P
4242-VPK Small-Footprint and Low-Power Triple and Quad Channels Digital Isolators
ISO7140FCC TI2-ISO7140FCC Datasheet
964Kb / 36P
ISO71xxCC 4242-VPK Small-Footprint Low-Power Triple and Quad Channels Digital Isolators
REVISED JANUARY 2015
More results

Similar Description - ISO7140FCC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7640FM TI1-ISO7640FM Datasheet
956Kb / 29P
Low Power Quad Channels Digital Isolators
ISO7631FM TI-ISO7631FM Datasheet
1Mb / 31P
Low Power Triple and Quad Channels Digital Isolators
ISO7131CC TI1-ISO7131CC Datasheet
546Kb / 22P
4242-VPK Small-Footprint and Low-Power Triple and Quad Channels Digital Isolators
ISO7140FCC TI1-ISO7140FCC Datasheet
488Kb / 22P
4242-VPK Small-Footprint and Low-Power Triple and Quad Channels Digital Isolators
ISO7131CCDBQ TI1-ISO7131CCDBQ Datasheet
415Kb / 22P
4242-VPK Small-Footprint and Low-Power Triple and Quad Channels Digital Isolators
ISO7140CCDBQ TI-ISO7140CCDBQ Datasheet
415Kb / 22P
4242-VPK Small-Footprint and Low-Power Triple and Quad Channels Digital Isolators
ISO7141FCCDBQR TI-ISO7141FCCDBQR Datasheet
415Kb / 22P
4242-VPK Small-Footprint and Low-Power Triple and Quad Channels Digital Isolators
ISO7142CC TI-ISO7142CC_15 Datasheet
954Kb / 26P
VPK Small-Footprint and Low-Power Quad Channel Digital Isolator
ISO7631FM TI1-ISO7631FM_15 Datasheet
1Mb / 35P
Low-Power Triple and Quad-Channels Digital Isolators
ISO7831 TI1-ISO7831_16 Datasheet
1Mb / 37P
High-Performance, 8000-VPK Reinforced Triple Digital Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com