Electronic Components Datasheet Search
  English  ▼

X  

ISO7140FCC Datasheet(PDF) 6 Page - Texas Instruments

Part # ISO7140FCC
Description  ISO71xxCC 4242-VPK Small-Footprint Low-Power Triple and Quad Channels Digital Isolators
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7140FCC Datasheet(HTML) 6 Page - Texas Instruments

Back Button ISO7140FCC Datasheet HTML 2Page - Texas Instruments ISO7140FCC Datasheet HTML 3Page - Texas Instruments ISO7140FCC Datasheet HTML 4Page - Texas Instruments ISO7140FCC Datasheet HTML 5Page - Texas Instruments ISO7140FCC Datasheet HTML 6Page - Texas Instruments ISO7140FCC Datasheet HTML 7Page - Texas Instruments ISO7140FCC Datasheet HTML 8Page - Texas Instruments ISO7140FCC Datasheet HTML 9Page - Texas Instruments ISO7140FCC Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
ISO7131CC, ISO7140CC, ISO7140FCC, ISO7141CC, ISO7141FCC
SLLSE83F – APRIL 2013 – REVISED JANUARY 2015
www.ti.com
6.4 Thermal Information
ISO7131, ISO714x
THERMAL METRIC(1)
DBQ
UNIT
16 PINS
RθJA
Junction-to-ambient thermal resistance
104.5
°C/W
RθJC(top)
Junction-to-case(top) thermal resistance
57.8
°C/W
RθJB
Junction-to-board thermal resistance
46.8
°C/W
ψJT
Junction-to-top characterization parameter
18.3
°C/W
ψJB
Junction-to-board characterization parameter
46.4
°C/W
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
6.5 Power Dissipation Ratings
TEST CONDITIONS
VALUE
UNIT
VCC1 = VCC2 = 5.5 V, TJ = 150°C, CL = 15 pF
PD
Device power dissipation
150
mW
Input a 25-MHz, 50% duty cycle square wave
6.6 Electrical Characteristics: VCC1 and VCC2 at 5 V ±10%
VCC1 and VCC2 at 5 V ± 10% (over recommended operating conditions unless otherwise noted.)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IOH = –4 mA; see Figure 10
VCCO
(1) – 0.5
4.8
VOH
High-level output voltage
V
IOH = –20 μA; see Figure 10
VCCO
(1) – 0.1
5
IOL = 4 mA; see Figure 10
0.2
0.4
VOL
Low-level output voltage
V
IOL = 20 μA; see Figure 10
0
0.1
VI(HYS)
Input threshold voltage
450
mV
hysteresis
IIH
High-level input current
VIH = VCC at INx or ENx
10
μA
IIL
Low-level input current
VIL = 0 V at INx or ENx
–10
μA
Common-mode transient
CMTI
VI = VCC or 0 V; see Figure 13
25
75
kV/
μs
immunity
(1)
VCCO is the supply voltage, VCC1 or VCC2, for the output channel that is being measured.
6.7 Electrical Characteristics: VCC1 and VCC2 at 3.3 V ±10%
VCC1 and VCC2 at 3.3 V ±10% (over recommended operating conditions unless otherwise noted.)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IOH = –4 mA; see Figure 10
VCCO
(1) – 0.5
3
VOH
High-level output voltage
V
IOH = –20 μA; see Figure 10
VCCO
(1) – 0.1
3.3
IOL = 4 mA; see Figure 10
0.2
0.4
VOL
Low-level output voltage
V
IOL = 20 μA; see Figure 10
0
0.1
VI(HYS)
Input threshold voltage hysteresis
425
mV
IIH
High-level input current
VIH = VCC at INx or ENx
10
μA
IIL
Low-level input current
VIL = 0 V at INx or ENx
–10
μA
Common-mode transient
CMTI
VI = VCC or 0 V; see Figure 13
25
50
kV/
μs
immunity
(1)
VCCO is the supply voltage, VCC1 or VCC2, for the output channel that is being measured.
6
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: ISO7131CC ISO7140CC ISO7140FCC ISO7141CC ISO7141FCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com