Electronic Components Datasheet Search
  English  ▼

X  

LM2502 Datasheet(PDF) 21 Page - Texas Instruments

Part # LM2502
Description  Mobile Pixel Link (MPL) Display Interface Serializer and Deserializer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2502 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM2502 Datasheet HTML 17Page - Texas Instruments LM2502 Datasheet HTML 18Page - Texas Instruments LM2502 Datasheet HTML 19Page - Texas Instruments LM2502 Datasheet HTML 20Page - Texas Instruments LM2502 Datasheet HTML 21Page - Texas Instruments LM2502 Datasheet HTML 22Page - Texas Instruments LM2502 Datasheet HTML 23Page - Texas Instruments LM2502 Datasheet HTML 24Page - Texas Instruments LM2502 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
LM2502
www.ti.com
SNLS176L – JANUARY 2004 – REVISED MAY 2013
PHASE-LOCKED LOOP
When the LM2502 is configured as a Master, a PLL is enabled to generate the serial link clock. The Phase-
locked loop system generates the serial data clock at several multiples of the input clock. The PLL operates with
an input clock between 3 and 26 MHz. See Table 12 below, Multiplier/Divisor times CLK rate must also be less
than 76.8 MHz. The 76.8 MHz limitation is based on the semiconductor process used on this implementation—it
is not an MPL limitation.
Line rate should also be selected such that it is faster than the input load rate when bursting data across the link.
Otherwise 8/10 X Line rate must be greater than the input load rate to the Master. At the maximum raw data rate
of 307 Mbps, the maximum information rate is 245 Mbps. Thus the parallel load rate at the Master input must not
exceed 15.4 Mega Transfers per second sustained (of 16 data bits). The Master can accommodate up to four
words at a higher rate due to internal FIFOs.
Configuration pins (PLL_CON[2:0], and M/S*) are used to determine the mode of which the part is operating in.
In the Slave configuration the PLL block is disabled. The Slave PLL_CON pins are required to set up the proper
divisor for the CLK pin. Slave PLL_CON[2:0] pins do not need to be set the same as the Master, this allows for
clock multiplication / division to be supported for the output clock reference signal.
RESET
On both the Master and the Slave, the PD* pin resets the logic. The PD* pins should be held low until the power
supply has ramped up and is stable and within specifications. The Slave PD* pin should be driven High first or at
the same time as the Master. This will ensure that the Slave sees the start up sequence from the Master.
MASTER/SLAVE SELECTION
The M/S* pin is used to configure the device as either a Master or Slave device. When the M/S* pin is a Logic
High, the Master configuration is selected. The Driver block is enabled for the MC line, and the MD lines. When
the M/S* pin is a Logic Low, the Slave configuration is selected. The Receiver block is enabled for the MC line,
and the MD lines.
Table 12. PLL_CON Settings
Multiplier
Divisor
Maximum
Minimum
PLLCON2
PLLCON1
PLLCON0
(Master)
(Slave)
CLK Input
CLK Input
MC out
CLKout
(MC
≦
≦ 76.8 MHz)
0
0
0
CLK X 2
MC / 2
13 MHz
26 MHz
0
0
1
CLK X 4
MC / 4
6 MHz
19.2 MHz
0
1
0
CLK X 6
MC / 6
3 MHz
12.8 MHz
0
1
1
CLK X 7
MC / 7
3 MHz
10.97 MHz
1
0
0
CLK X 8
MC / 8
3 MHz
9.60 MHz
1
0
1
CLK X 9
MC / 9
3 MHz
8.53 MHz
1
1
0
CLK X 10
MC / 10
3 MHz
7.68 MHz
1
1
1
(Reserved)
APPLICATION INFORMATION
SYSTEM CONSIDERATIONS
When employing the MPL SERDES chipset in place of a parallel bus, a few system considerations must be
taken into account. Before sending commands (ie initialization commands) to the display, the SERDES must be
ready to transmit data across the link. The MPL link must be powered up, and the PLL must be locked. Also a
review of the Slave output timing should be completed to insure that the timing parameters provided by the Slave
output meet the requirements of the LCD driver input. Specifically, pulse width on CSn*, RD* / WR*, data valid
time, and bus cycle rate should be reviewed and checked for inter-operability. Additional details are provided
next:
The MPL link should be started up as follows: The chipset should be powered up first, VDDIO should not be
powered up first, it may be at the same time as VDD/VDDA or lag. During power up, the PD* inputs should be held
LOW and released once power is stable and within specification. The Slave PD* may be released first or at the
same time as the Master. CLK should be applied prior to releasing PD*.
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM2502



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com